Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLAC4 Datasheet(PDF) 3 Page - Campbell Scientific United Kingdom

Part # LLAC4
Description  R.M. Young Wind Monitor Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

LLAC4 Datasheet(HTML) 3 Page - Campbell Scientific United Kingdom

  LLAC4 Datasheet HTML 1Page - Campbell Scientific United Kingdom LLAC4 Datasheet HTML 2Page - Campbell Scientific United Kingdom LLAC4 Datasheet HTML 3Page - Campbell Scientific United Kingdom LLAC4 Datasheet HTML 4Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
80 Hathern Road, Shepshed, LE12 9GX UK | +(0)1509 828888 | sales@campbellsci.co.uk | www.campbellsci.eu
UK | AUSTRALIA | BRAZIL | CANADA | CHINA | COSTA RICA | FRANCE | GERMANY | SE ASIA | SOUTH AFRICA | SPAIN | USA
© 2012
Campbell Scientific
February 2, 2016
Wind Display Unit
The R M Young Wind Tracker is a compact wind speed and direction
display unit, specially modified for use with Campbell Scientific
equipment.
It incorporates advanced features, including serial input/outputs
and alarm functions.
The Wind Tracker can be connected directly to the 05103 Wind
Monitor to provide an immediate, direct display of wind speed and
direction, and can also be used in conjunction with a datalogger.
It is designed for indoor use, but can be used outdoors if it is
mounted in a suitable weatherproof enclosure.
A waterproof marine version of the wind tracker is available for
use in marine and other severe environments - further details are
available on request.
Ordering Information
Wind Monitors
05103
Wind Monitor with user-specified cable
length.
05103-45 Wind Monitor, Alpine Version with user-
specified cable length.
05106
Wind Monitor-MA for marine applications with
user-specified cable length.
05108
Heavy duty Wind Monitor-HD
05108-45 Alpine version Heavy duty Wind Monitor
Mounts
008285
1 in x 1 in NU-RAIL fitting for attaching the Wind
Monitor to a CM202, CM202SS, CM204,
CM204, CM204SS or CM206 crossarm
CM220
Right angle Mounting Bracket for attaching
the Wind Monitor to a CM202, CM202SS,
CM203, CM204, CM204SS or CM206 crossarm.
CM216
Sensor Mounting Kit for attaching the 03002
or 03101 to the top of a CM110, CM115 or
CM120 stainless-steel tripod.
Wind Profile Accessory
LLAC4
4-Channel Low-Level AC Conversion Module
Mounting
The instrument mounts on standard 25 mm (1”) nominal bore
pipe, outside diameter 33 mm (1.3”). Campbell Scientific include
a suitable mounting post with standard versions of the 05103
suitable for use with the CM200 series mounting arms. An
orientation ring is provided so the instrument can be removed
for maintenance and reinstalled without loss of wind direction
reference. Both the mounting post assembly and the orientation
ring are secured to the mounting pipe by stainless steel band
clamps. Connections to a datalogger are made in a junction box at
the base of the sensor mount.
NB: Maximum cable length is 304 m (1000 feet)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com