Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLAC4 Datasheet(PDF) 4 Page - Campbell Scientific United Kingdom

Part # LLAC4
Description  R.M. Young Wind Monitor Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

LLAC4 Datasheet(HTML) 4 Page - Campbell Scientific United Kingdom

  LLAC4 Datasheet HTML 1Page - Campbell Scientific United Kingdom LLAC4 Datasheet HTML 2Page - Campbell Scientific United Kingdom LLAC4 Datasheet HTML 3Page - Campbell Scientific United Kingdom LLAC4 Datasheet HTML 4Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
80 Hathern Road, Shepshed, LE12 9GX UK | +(0)1509 828888 | sales@campbellsci.co.uk | www.campbellsci.eu
UK | AUSTRALIA | BRAZIL | CANADA | CHINA | COSTA RICA | FRANCE | GERMANY | SE ASIA | SOUTH AFRICA | SPAIN | USA
© 2012
Campbell Scientific
February 2, 2016
Specifications
05103
Wind Monitor
05103-45
Wind Monitor-Alpine
05106
Wind Monitor-MA
05108
05108-45
Range
0 to 100 m s-1 (0 to 224 mph)
Accuracy
±0.3 m s-1 (±0.6 mph) or 1% of reading
Starting Threshold
1.0 m s-1 (2.2 mph)
2.4 mph (1.1 m s-1)
1.0 m s-1 (2.2 mph)
Distance Constant
(63% recovery)
2.7 m (8.9 ft)
Output
ac voltage (3 pulses per revolution); 1800 rpm (90 hz) = 8.8 m s-1 (19.7 mph)
Wind Speed
Wind Direction
Physical
05103
Wind Monitor
05103-45
Wind Monitor-Alpine
05106
Wind Monitor-MA
05108
05108-45
Range
0
° to 360° mechanical, 355° electrical (5° open)
Accuracy
±3
°
Starting Threshold
1.1 m s-1 (2.4 mph)
Distance Constant
(50% recovery)
1.3 m (4.3 ft)
Damping Ratio
0.3
0.25
Damped Natural Wavelength
7.4 m (24.3 ft)
Undamped Natural Wavelength
7.2 m (23.6 ft)
Output
analogue dc voltage from potentiometer - resistance 10 kΩ; linearity 0.25%;
life expectancy 50 million revolutions
Power
switched excitation voltage supplied by datalogger
05103
Wind Monitor
05103-45
Wind Monitor-Alpine
05106
Wind Monitor-MA
05108
05108-45
Operating Temperature Range
-50
° to +50°C, assuming non-riming conditions
-50
° to +60°C,
assuming non- riming
conditions
Overall Height
37 cm (14.6 in)
40 cm (15.7 in)
Overall Length
55 cm (21.7 in)
57 cm (22.4 in)
Main Housing Diameter
5 cm (2 in)
Propeller Diameter
18 cm (7.1 in)
14 cm (5.5 in)
18 cm (7.1 in)
Mounting Pipe Description
33 mm (1.3 in) outer diameter; standard 1.0 in IPS schedule 40
Weight
1.5 kg (3.2 lb)
1 kg (2.2 lb)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com