Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F273E Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST10F273E
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273E Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST10F273E Datasheet HTML 36Page - STMicroelectronics ST10F273E Datasheet HTML 37Page - STMicroelectronics ST10F273E Datasheet HTML 38Page - STMicroelectronics ST10F273E Datasheet HTML 39Page - STMicroelectronics ST10F273E Datasheet HTML 40Page - STMicroelectronics ST10F273E Datasheet HTML 41Page - STMicroelectronics ST10F273E Datasheet HTML 42Page - STMicroelectronics ST10F273E Datasheet HTML 43Page - STMicroelectronics ST10F273E Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 179 page
background image
Internal Flash memory
ST10F273E
40/179
5.6
Write operation examples
In the following, examples for each kind of Flash write operation are presented.
Note:
Moreover, direct addressing is not allowed for write accesses to IFlash control registers.
This means that both address and data for a writing operation must be loaded in one of
ST10 GPR register (R0...R15).
Write operation on IBus registers is 16 bit wide.
Example of indirect addressing mode:
MOV
RWm, #ADDRESS;
/*Load Add in RWm*/
MOV
RWn, #DATA;
/*Load Data in RWn*/
MOV
[RWm], RWn;
/*Indirect addressing*/
Word program
Example: 32-bit Word Program of data 0xAAAAAAAA at address 0x025554
FCR0H|= 0x2080;
/*Set WPG in FCR0H, SMOD must be set*/
FARL
= 0x5554;
/*Load Add in FARL*/
FARH
= 0x0002;
/*Load Add in FARH*/
FDR0L = 0xAAAA;
/*Load Data in FDR0L*/
FDR0H = 0xAAAA;
/*Load Data in FDR0H*/
FCR0H|= 0x8000;
/*Operation start*/
Double word program
Example: Double Word Program (64-bit) of data 0x55AA55AA at address 0x035558 and
data 0xAA55AA55 at address 0x03555C.
FCR0H
|= 0x1080;
/*Set DWPG, SMOD must be set/
FARL
= 0x5558;
/*Load Add in FARL*/
FARH
= 0x0003;
/*Load Add in FARH*/
FDR0L
= 0x55AA;
/*Load Data in FDR0L*/
FDR0H
= 0x55AA;
/*Load Data in FDR0H*/
FDR1L
= 0xAA55;
/*Load Data in FDR1L*/
FDR1H
= 0xAA55;
/*Load Data in FDR1H*/
FCR0H
|= 0x8000;
/*Operation start*/
Double Word Program is always performed on the Double Word aligned on a even Word: bit
ADD2 of FARL is ignored.
Sector erase
Example: Sector Erase of sectors B0F1 and B0F0 of Bank 0.
FCR0H
|= 0x0880;
/*Set SER in FCR0H, SMOD must be set*/
FCR1L
|= 0x0003;
/*Set B0F1, B0F0*/
FCR0H
|= 0x8000;
/*Operation start*/
Suspend and resume
Word Program, Double Word Program, and Sector Erase operations can be suspended in
the following way:
FCR0H
|= 0x4000;
/*Set SUSP in FCR0H*/


Similar Part No. - ST10F273E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F273 STMICROELECTRONICS-ST10F273 Datasheet
61Kb / 4P
   16-bit MCU with MAC unit, up to 832 Kbytes Flash memory and up to 68 Kbytes RAM
ST10F273 STMICROELECTRONICS-ST10F273 Datasheet
2Mb / 179P
   16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
ST10F273 STMICROELECTRONICS-ST10F273 Datasheet
806Kb / 4P
   16-bit microcontrollers for automotive applications
ST10F273M STMICROELECTRONICS-ST10F273M Datasheet
806Kb / 4P
   16-bit microcontrollers for automotive applications
ST10F273Z4 STMICROELECTRONICS-ST10F273Z4 Datasheet
1Mb / 188P
   16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
January 2008 Rev 2
More results

Similar Description - ST10F273E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F273Z4 STMICROELECTRONICS-ST10F273Z4 Datasheet
1Mb / 188P
   16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
January 2008 Rev 2
ST10F273 STMICROELECTRONICS-ST10F273 Datasheet
2Mb / 179P
   16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
ST10F280 STMICROELECTRONICS-ST10F280_12 Datasheet
2Mb / 239P
   16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
ST10F271Z1 STMICROELECTRONICS-ST10F271Z1 Datasheet
3Mb / 185P
   16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
ST10F272Z2 STMICROELECTRONICS-ST10F272Z2_08 Datasheet
2Mb / 189P
   16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
ST10F271 STMICROELECTRONICS-ST10F271 Datasheet
2Mb / 173P
   16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
ST10F272 STMICROELECTRONICS-ST10F272 Datasheet
3Mb / 179P
   16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
ST10F272M STMICROELECTRONICS-ST10F272M Datasheet
3Mb / 175P
   16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
ST10F272M STMICROELECTRONICS-ST10F272M_12 Datasheet
1Mb / 176P
   16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
ST10F271B STMICROELECTRONICS-ST10F271B Datasheet
1Mb / 180P
   16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com