Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NA42 Datasheet(PDF) 2 Page - AMI SEMICONDUCTOR

Part # NA42
Description  AMI5HG 0.5 micron CMOS Gate Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

NA42 Datasheet(HTML) 2 Page - AMI SEMICONDUCTOR

  NA42 Datasheet HTML 1Page - AMI SEMICONDUCTOR NA42 Datasheet HTML 2Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1$[
$0,+* PLFURQ&026 *DWH $UUD\
3-164
®
Propagation Delays (ns)
Conditions: TJ = 25°C, VDD = 5.0V, Typical Process
Delay will vary with input conditions. See page 2-17 for interconnect estimates.
NA41
Number of Equivalent Loads
1
2
4
5
7 (max)
From: Any Input
To:
Q
tPLH
tPHL
0.14
0.26
0.17
0.34
0.24
0.48
0.27
0.56
0.33
0.71
NA42
Number of Equivalent Loads
1
2
5
8
10 (max)
From: Any Input
To:
Q
tPLH
tPHL
0.10
0.18
0.12
0.23
0.17
0.36
0.22
0.48
0.25
0.56
NA43
Number of Equivalent Loads
1
8
15
22
30 (max)
From: Any Input
To:
Q
tPLH
tPHL
0.30
0.48
0.41
0.62
0.52
0.73
0.61
0.83
0.72
0.93
NA44
Number of Equivalent Loads
1
14
28
42
56 (max)
From: Any Input
To:
Q
tPLH
tPHL
0.32
0.51
0.41
0.64
0.49
0.75
0.59
0.85
0.70
0.95
NA46
Number of Equivalent Loads
1
21
42
62
83 (max)
From: Any Input
To:
Q
tPLH
tPHL
0.34
0.56
0.45
0.66
0.54
0.78
0.63
0.89
0.74
1.00



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com