Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NA42 Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # NA42
Description  AMI5HG 0.5 micron CMOS Gate Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

NA42 Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  NA42 Datasheet HTML 1Page - AMI SEMICONDUCTOR NA42 Datasheet HTML 2Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3-163
1$[
$0,+*PLFURQ &026 *DWH$UUD\
®
Description
NA4x is a family of 4-input gates which perform the logical NAND function.
HDL Syntax
Verilog .................... NA4x
inst_name (Q, A, B, C, D);
VHDL
...................... inst_name: NA4x port map (Q, A, B, C, D);
Pin Loading
Size And Power Characteristics
Logic Symbol
Truth Table
AB
C
D
Q
L
XXX
H
XL
X
X
H
XX
L
X
H
XXX
L
H
HHH
H
L
Pin Name
Equivalent Loads
NA41
NA42
NA43
NA44
NA46
A
1.0
2.1
2.1
2.1
2.1
B
1.0
2.1
2.1
2.1
2.1
C
1.0
2.1
2.1
2.1
2.1
D
1.0
2.1
2.1
2.1
2.1
Cell
Equivalent Gates
Power Characteristicsa
a. See page 2-15 for power equation.
Static IDD (TJ = 85°C) (nA)
EQLpd (Eq-load)
NA41
2.0
TBD
1.9
NA42
4.0
TBD
3.8
NA43
6.0
TBD
8.7
NA44
7.0
TBD
12.4
NA46
8.0
TBD
15.7
A
D
Q
Q
NA4x
B
C
A
D
B
C


Similar Part No. - NA42

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NA4FAAH0-0-B ETC2-NA4FAAH0-0-B Datasheet
801Kb / 21P
N e u t r i k 짰 P a r t N u m b e r G u i d e
NA4FAH0-0-B ETC2-NA4FAH0-0-B Datasheet
801Kb / 21P
N e u t r i k 짰 P a r t N u m b e r G u i d e
NA4FBH0-0-B ETC2-NA4FBH0-0-B Datasheet
801Kb / 21P
N e u t r i k 짰 P a r t N u m b e r G u i d e
logo
Neutrik AG
NA4FX-F NEUTRIK-NA4FX-F Datasheet
88Kb / 2P
speakON NL4FX - 3 pole XLR female
NA4FX-M NEUTRIK-NA4FX-M Datasheet
112Kb / 2P
speakON NL4FX - 3 pole XLR male
More results

Similar Description - NA42

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC11L TOSHIBA-TC11L Datasheet
158Kb / 4P
CMOS GATE ARRAY
logo
NEC
CMOS-6 NEC-CMOS-6 Datasheet
741Kb / 15P
1.0-MICRON CMOS GATE ARRAYS
logo
fujitsu semiconductor
MB61VHXXX FUJITSU-MB61VHXXX Datasheet
1Mb / 22P
CMOS Gate Array
logo
NEC
UPD65011 NEC-UPD65011 Datasheet
515Kb / 12P
UPD65000 (CMOS-3) SERIES 2-MICRON CMOS GATE ARRAYS
UPD65045 NEC-UPD65045 Datasheet
743Kb / 15P
CMOS-6/6A/6V/6X 1.0-MICRON CMOS GATE ARRAYS
logo
Honeywell Solid State E...
HC20000 HONEYWELL-HC20000 Datasheet
974Kb / 18P
HIGH-PERFORMANCE CMOS GATE ARRAY
logo
Hitachi Semiconductor
HG62E HITACHI-HG62E Datasheet
1Mb / 54P
CMOS GATE ARRAY
logo
List of Unclassifed Man...
SLA600L ETC1-SLA600L Datasheet
196Kb / 4P
CMOS LOW VOLTAGE GATE ARRAY
logo
NEC
CB-C8 NEC-CB-C8 Datasheet
772Kb / 8P
3-VOLT, 0.5-MICRON CELL-BASED CMOS ASIC
logo
List of Unclassifed Man...
DC2X ETC2-DC2X Datasheet
41Kb / 2P
AMI5HG 0.5 MICRON CMOS GATE ARRAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com