Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86CM29BUG Datasheet(PDF) 78 Page - Toshiba Semiconductor

Part # TMP86CM29BUG
Description  8 Bit Microcontroller
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CM29BUG Datasheet(HTML) 78 Page - Toshiba Semiconductor

Back Button TMP86CM29BUG Datasheet HTML 74Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 75Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 76Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 77Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 78Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 79Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 80Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 81Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 82Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 196 page
background image
Page 64
6. Watchdog Timer (WDT)
6.3 Address Trap
TMP86CM29BUG
6.3 Address Trap
The Watchdog Timer Control Register 1 and 2 share the addresses with the control registers to generate address
traps.
6.3.1 Selection of Address Trap in Internal RAM (ATAS)
WDTCR1<ATAS> specifies whether or not to generate address traps in the internal RAM area. To execute
an instruction in the internal RAM area, clear WDTCR1<ATAS> to “0”. To enable the WDTCR1<ATAS> set-
ting, set WDTCR1<ATAS> and then write D2H to WDTCR2.
Executing an instruction in the SFR or DBR area generates an address trap unconditionally regardless of the
setting in WDTCR1<ATAS>.
6.3.2 Selection of Operation at Address Trap (ATOUT)
When an address trap is generated, either the interrupt request or the reset request can be selected by
WDTCR1<ATOUT>.
6.3.3 Address Trap Interrupt (INTATRAP)
While WDTCR1<ATOUT> is “0”, if the CPU should start looping for some cause such as noise and an
attempt be made to fetch an instruction from the on-chip RAM (while WDTCR1<ATAS> is “1”), DBR or the
SFR area, address trap interrupt (INTATRAP) will be generated.
An address trap interrupt is a non-maskable interrupt which can be accepted regardless of the interrupt mas-
ter flag (IMF).
When an address trap interrupt is generated while the other interrupt including an address trap interrupt is
already accepted, the new address trap is processed immediately and the previous interrupt is held pending.
Therefore, if address trap interrupts are generated continuously without execution of the RETN instruction, too
many levels of nesting may cause a malfunction of the microcontroller.
To generate address trap interrupts, set the stack pointer beforehand.
Watchdog Timer Control Register 1
WDTCR1
(0034H)
76
5
4
3
2
1
0
ATAS
ATOUT
(WDTEN)
(WDTT)
(WDTOUT)
(Initial value: **11 1001)
ATAS
Select address trap generation in
the internal RAM area
0: Generate no address trap
1: Generate address traps (After setting ATAS to “1”, writing the control code
D2H to WDTCR2 is required)
Write
only
ATOUT
Select operation at address trap
0: Interrupt request
1: Reset request
Watchdog Timer Control Register 2
WDTCR2
(0035H)
76
543
21
0
(Initial value: **** ****)
WDTCR2
Write
Watchdog timer control code
and address trap area control
code
D2H: Enable address trap area selection (ATRAP control code)
4EH: Clear the watchdog timer binary counter (WDT clear code)
B1H: Disable the watchdog timer (WDT disable code)
Others: Invalid
Write
only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com