Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86CM29BUG Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part # TMP86CM29BUG
Description  8 Bit Microcontroller
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CM29BUG Datasheet(HTML) 19 Page - Toshiba Semiconductor

Back Button TMP86CM29BUG Datasheet HTML 15Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 16Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 17Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 18Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 19Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 20Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 21Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 22Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 196 page
background image
Page 5
TMP86CM29BUG
1.4 Pin Names and Functions
Table 1-1 Pin Names and Functions(1/3)
Pin Name
Pin Number
Input/Output
Functions
P17
SEG24
SCK
27
IO
O
IO
PORT17
LCD segment output 24
Serial Clock I/O
P16
SEG25
TXD
SO
26
IO
O
O
O
PORT16
LCD segment output 25
UART data output
Serial Data Output
P15
SEG26
RXD
SI
25
IO
O
I
I
PORT15
LCD segment output 26
UART data input
Serial Data Input
P14
SEG27
INT3
24
IO
O
I
PORT14
LCD segment output 27
External interrupt 3 input
P13
SEG28
INT2
23
IO
I
I
PORT13
LCD segment output 28
External interrupt 2 input
P12
SEG29
INT1
22
IO
O
I
PORT12
LCD segment output 29
External interrupt 1 input
P11
SEG30
21
IO
O
PORT11
LCD segment output 30
P10
SEG31
20
IO
O
PORT10
LCD segment output 31
P22
XTOUT
7
IO
O
PORT22
Resonator connecting pins(32.768kHz) for inputting external
clock
P21
XTIN
6
IO
I
PORT21
Resonator connecting pins(32.768kHz) for inputting external
clock
P20
INT5
STOP
9
IO
I
I
PORT20
External interrupt 5 input
STOP mode release signal input
P33
PDO6/PWM6/PPG6
TC6
64
IO
O
I
PORT33
PDO6/PWM6/PPG6 output
TC6 input
P32
PDO4/PWM4/PPG4
TC4
63
IO
O
I
PORT32
PDO4/PWM4/PPG4 output
TC4 input
P31
PDO3/PWM3
TC3
62
IO
O
I
PORT31
PDO3/PWM3 output
TC3 input
P30
DVO
61
IO
O
PORT30
Divider Output
P57
SEG16
35
IO
O
PORT57
LCD segment output 16
P56
SEG17
34
IO
O
PORT56
LCD segment output 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com