Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86CS25AFG Datasheet(PDF) 15 Page - Toshiba Semiconductor

Part # TMP86CS25AFG
Description  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG Datasheet(HTML) 15 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 11Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 12Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 13Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 14Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 15Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 16Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 17Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 18Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 19Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 194 page
background image
Page 5
TMP86CS25AFG
1.4 Pin Names and Functions
Table 1-1 Pin Names and Functions(1/4)
Pin Name
Pin Number
Input/Output
Functions
P17
SEG59
SCK0
19
IO
O
IO
PORT17
LCD segment output 59
Serial Clock I/O 0
P16
SEG58
TXD
SO0
20
IO
O
O
O
PORT16
LCD segment output 58
UART data output
Serial Data Output 0
P15
SEG57
RXD
SI0
21
IO
O
I
I
PORT15
LCD segment output 57
UART data input
Serial Data Input 0
P14
SEG56
MUL6
22
IO
O
I
PORT14
LCD segment output 56
Multi Function 6 pin
P13
SEG55
MUL5
23
IO
O
I
PORT13
LCD segment output 55
Multi Function 5 pin
P12
SEG54
MUL4
24
IO
O
I
PORT12
LCD segment output 54
Multi Function 4 pin
P11
SEG53
25
IO
O
PORT11
LCD segment output 53
P10
SEG52
26
IO
O
PORT10
LCD segment output 52
P22
XTOUT
7
IO
O
PORT22
Resonator connecting pins(32.768kHz) for inputting external
clock
P21
XTIN
6
IO
I
PORT21
Resonator connecting pins(32.768kHz) for inputting external
clock
P20
STOP
INT5
9
IO
I
I
PORT20
STOP mode release signal input
External interrupt 5 input
P36
MUL6
COM7
86
IO
I
O
PORT36
Multi Function 6 pin
LCD common output 7
P35
MUL5
COM6
85
IO
I
O
PORT35
Multi Function 5 pin
LCD common output 6
P34
MUL4
COM5
84
IO
I
O
PORT34
Multi Function 4 pin
LCD common output 5
P33
SEG51
MUL3
27
IO
O
I
PORT33
LCD segment output 51
Multi Function 3 pin
P32
SEG50
MUL2
28
IO
O
I
PORT32
LCD segment output 50
Multi Function 2 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com