Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86CS49UG Datasheet(PDF) 42 Page - Toshiba Semiconductor

Part # TMP86CS49UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS49UG Datasheet(HTML) 42 Page - Toshiba Semiconductor

Back Button TMP86CS49UG Datasheet HTML 38Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 39Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 40Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 41Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 42Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 43Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 44Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 45Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 46Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 252 page
background image
Page 28
2. Operational Description
2.2 System Clock Controller
TMP86CS49UG
2.2.4.4 SLOW mode
SLOW mode is controlled by the system control register 2 (SYSCR2).
The following is the methods to switch the mode with the warm-up counter.
(1) Switching from NORMAL2 mode to SLOW1 mode
First, set SYSCR2<SYSCK> to switch the main system clock to the low-frequency clock for
SLOW2 mode. Next, clear SYSCR2<XEN> to turn off high-frequency oscillation.
Note: The high-frequency clock can be continued oscillation in order to return to NORMAL2 mode from
SLOW mode quickly. Always turn off oscillation of high-frequency clock when switching from
SLOW mode to stop mode.
Example 1 :Switching from NORMAL2 mode to SLOW1 mode.
SET
(SYSCR2). 5
; SYSCR2<SYSCK>
← 1
(Switches the main system clock to the low-frequency
clock for SLOW2)
CLR
(SYSCR2). 7
; SYSCR2<XEN>
← 0
(Turns off high-frequency oscillation)
Example 2 :Switching to the SLOW1 mode after low-frequency clock has stabilized.
SET
(SYSCR2). 6
; SYSCR2<XTEN>
← 1
LD
(TC5CR), 43H
; Sets mode for TC6, 5 (16-bit mode, fs for source)
LD
(TC6CR), 05H
; Sets warming-up counter mode
LDW
(TTREG5), 8000H
; Sets warm-up time (Depend on oscillator accompanied)
DI
; IMF
← 0
SET
(EIRE). 2
; Enables INTTC6
EI
; IMF
← 1
SET
(TC6CR). 3
; Starts TC6, 5
:
PINTTC6:
CLR
(TC6CR). 3
; Stops TC6, 5
SET
(SYSCR2). 5
; SYSCR2<SYSCK>
← 1
(Switches the main system clock to the low-frequency clock)
CLR
(SYSCR2). 7
; SYSCR2<XEN>
← 0
(Turns off high-frequency oscillation)
RETI
:
VINTTC6:
DW
PINTTC6
; INTTC6 vector table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com