Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86CS49UG Datasheet(PDF) 66 Page - Toshiba Semiconductor

Part # TMP86CS49UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS49UG Datasheet(HTML) 66 Page - Toshiba Semiconductor

Back Button TMP86CS49UG Datasheet HTML 62Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 63Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 64Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 65Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 66Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 67Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 68Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 69Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 70Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 252 page
background image
Page 52
5. I/O Ports
5.2 Port P1 (P17 to P10)
TMP86CS49UG
5.2 Port P1 (P17 to P10)
Port P1 is an 8-bit input/output port which can be configured as an input or output in one-bit unit.
Port P1 is also used as a timer/counter input/output, an external interrupt input and a divider output.
Input/output mode is specified by the P1 control register (P1CR).
During reset, the P1CR is initialized to "0" and port P1 becomes an input mode. And the P1DR is initialized to "0".
When used as an input port, a timer/counter input and an external interrupt input, the corresponding bit of P1CR
should be set to "0".
When used as an output port, the corresponding bit of P1CR should be set to "1".
When used as a timer/counter output and a divider output, P1DR is set to "1" beforehand and the corresponding bit
of P1CR should be set to "1".
When P1CR is "1", the content of the corresponding output latch is read by reading P1DR.
Note: Asterisk (*) indicates “1” or “0” either of which can be selected.
Note: i = 7 to 0
Figure 5-3 Port 1 and P1CR
Note: The port set to an input mode reads the terminal input data. Therefore, when the input and output modes are used
together, the content of the output latch which is specified as input mode might be changed by executing a bit
Manipulation instruction.
Table 5-2 Register Programming for Multi-function Ports
Function
Programmed Value
P1DR
P1CR
Port input, timer/counter input or external interrupt
input
*“0”
Port “0” output
“0”
“1”
Port “1” output, a timer output or a divider output
“1”
“1”
P1i
DQ
DQ
STOP
OUTEN
P1CRi
P1CRi input
Data input (P1DR)
Data output (P1DR)
Control output
Control input
Output latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com