Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JDV2S25FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # JDV2S25FS
Description  Silicon Epitaxial Planar Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JDV2S25FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  JDV2S25FS Datasheet HTML 1Page - Toshiba Semiconductor JDV2S25FS Datasheet HTML 2Page - Toshiba Semiconductor JDV2S25FS Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JDV2S25FS
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Planar Type
JDV2S25FS
VCO for UHF Band Radio
• High capacitance ratio: C1V/C4V = 2.9 (typ.)
• Low series resistance: rs = 0.49 Ω (typ.)
• This device is suitable for use in small tuners.
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Reverse voltage
VR
10
V
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Reverse voltage
VR
IR = 1 μA
10
⎯
⎯
V
Reverse current
IR
VR = 5 V
⎯
⎯
1
nA
C1V
VR = 1 V, f = 1 MHz
5.62
⎯
5.99
Capacitance
C4V
VR = 4 V, f = 1 MHz
1.91
⎯
2.12
pF
Capacitance ratio
C1V/C4V
⎯
2.77
⎯
2.98
⎯
Series resistance
rs
VR = 1 V, f = 470 MHz
⎯
0.49
0.64
Ω
Note: Signal level when capacitance is measured. Vsig = 100 mVrms
Marking
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
1-1L1A
Weight: 0.0006 g (typ.)
0.2
0.1±0.05
0.6±0.05
A
0.48+0.02
-0.03
±0.05
A
M
0.07
fSC


Similar Part No. - JDV2S25FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDV2S22FS TOSHIBA-JDV2S22FS Datasheet
130Kb / 3P
Silicon Epitaxial Planar Type
JDV2S26FS TOSHIBA-JDV2S26FS Datasheet
113Kb / 3P
Silicon Epitaxial Planar Type
JDV2S28FS TOSHIBA-JDV2S28FS Datasheet
114Kb / 3P
Silicon Epitaxial Planar Type
JDV2S29FS TOSHIBA-JDV2S29FS Datasheet
113Kb / 3P
VCO for UHF Band Radio
More results

Similar Description - JDV2S25FS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
Silicon epitaxial planar type
MA2S377 PANASONIC-MA2S377 Datasheet
38Kb / 2P
Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
Silicon epitaxial planar type
MA2X335 PANASONIC-MA2X335 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2X707 PANASONIC-MA2X707 Datasheet
41Kb / 2P
Silicon epitaxial planar type
MA2Z365 PANASONIC-MA2Z365 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2Z367 PANASONIC-MA2Z367 Datasheet
40Kb / 2P
Silicon epitaxial planar type
MA2Z720 PANASONIC-MA2Z720 Datasheet
42Kb / 2P
Silicon epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com