Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JDV2S25FS Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # JDV2S25FS
Description  Silicon Epitaxial Planar Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JDV2S25FS Datasheet(HTML) 2 Page - Toshiba Semiconductor

  JDV2S25FS Datasheet HTML 1Page - Toshiba Semiconductor JDV2S25FS Datasheet HTML 2Page - Toshiba Semiconductor JDV2S25FS Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JDV2S25FS
2007-11-01
2
REVERSE VOLTAGE VR (V)
CV – VR
REVERSE VOLTAGE VR (V)
rs – VR
1
10
01
23
45
6
7
f=1MHz
Ta=25℃
0.0
0.2
0.4
0.6
0.8
1.0
0.1
1
10
f=470MHz
Ta=25℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com