Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4304 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # MP4304
Description  High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4304 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  MP4304 Datasheet HTML 1Page - Toshiba Semiconductor MP4304 Datasheet HTML 2Page - Toshiba Semiconductor MP4304 Datasheet HTML 3Page - Toshiba Semiconductor MP4304 Datasheet HTML 4Page - Toshiba Semiconductor MP4304 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MP4304
2006-10-27
4
Collector-emitter voltage VCE (V)
Safe Operating Area
Ambient temperature Ta (°C)
PT – Ta
ΔTj – PT
Total power dissipation PT (W)
rth – tw
Pulse width tw (s)
Curves should be applied in thermal limited area. The figure
shows thermal resistance per device versus pulse width.
These curves are obtained by using single nonrepetitive
pulse under the condition of devices attached on a circuit
board with no heat sink.
0.001
0.01
0.1
1
10
100
1000
(1)
(2)
(3)
(4)
1
10
100
(1) 1 device operation
(2) 2-device operation
(3) 3-device operation
(4) 4-device operation
Circuit board
0.05
5
*: Single nonrepetitive
pulse Ta = 25°C
Curves must be derated
linearly with increase in
temperature.
10
30
50
100
200
0.1
0.3
0.5
1
3
5
10
30
IC max (pulsed)*
10 ms*
VCEO max
1 ms*
100 μs*
0
8
40
2
4
6
80
120
160
200
0
Attached on a circuit board
(1) 1device operation
(2) 2-device operation
(3) 3-device operation
(4) 4-device operation
Circuit board
(4)
(3)
(2)
(1)
2
4
6
8
0
160
40
80
120
10
0
Attached on a circuit board
(1) 1-device operation
(2) 2-device operation
(3) 3-device operation
(4) 4-device operation
Circuit board
(1)
(2) (3) (4)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com