Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL3085 Datasheet(PDF) 5 Page - NVE Corporation

Part # IL3085
Description  Low-Cost Isolated RS-485 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3085 Datasheet(HTML) 5 Page - NVE Corporation

  IL3085 Datasheet HTML 1Page - NVE Corporation IL3085 Datasheet HTML 2Page - NVE Corporation IL3085 Datasheet HTML 3Page - NVE Corporation IL3085 Datasheet HTML 4Page - NVE Corporation IL3085 Datasheet HTML 5Page - NVE Corporation IL3085 Datasheet HTML 6Page - NVE Corporation IL3085 Datasheet HTML 7Page - NVE Corporation IL3085 Datasheet HTML 8Page - NVE Corporation IL3085 Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
IL3085
5
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
IL3085 / IL3085T (0.3" SOIC Package) Pin Connections
1
VDD1
Input power supply
2
GND1
Input power supply ground return
(pin 2 is internally connected to pin 8)
3
R
Output data from bus
4
RE
Read data enable
(if RE is high, R= high impedance)
5
DE
Drive enable
6
D
Data input to bus
7
NC
No internal connection
8
GND1
Input power supply ground return
(pin 8 is internally connected to pin 2)
9
GND2
Output power supply ground return
(pin 9 is internally connected to pin 15)
10
ISODE
Isolated DE output for use in PROFIBUS
applications where the state of the isolated
drive enable node needs to be monitored.
11
NC
No internal connection
12
A
Non-inverting bus line
13
B
Inverting bus line
14
NC
No internal connection
15
GND2
Output power supply ground return
(pin 15 is internally connected to pin 9)
16
VDD2
Output power supply
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
RE
VDD2
GND1
D
GND2
R
NC
B
DE
A
NC
ISODE
GND1
VDD1
GND2
NC
IL3085 / IL3085T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com