Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL3085 Datasheet(PDF) 9 Page - NVE Corporation

Part # IL3085
Description  Low-Cost Isolated RS-485 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3085 Datasheet(HTML) 9 Page - NVE Corporation

Back Button IL3085 Datasheet HTML 5Page - NVE Corporation IL3085 Datasheet HTML 6Page - NVE Corporation IL3085 Datasheet HTML 7Page - NVE Corporation IL3085 Datasheet HTML 8Page - NVE Corporation IL3085 Datasheet HTML 9Page - NVE Corporation IL3085 Datasheet HTML 10Page - NVE Corporation IL3085 Datasheet HTML 11Page - NVE Corporation IL3085 Datasheet HTML 12Page - NVE Corporation IL3085 Datasheet HTML 13Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
IL3085
9
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Electrostatic Discharge Sensitivity
This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, NVE recommends that all integrated
circuits be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from performance
degradation to complete failure.
Pinout Differences Between Packages
QSOP and narrow-body version (IL3085-1E and IL3085-3E) are designed for application flexibility and minimum board area in dense PCAs.
The wide-body version (IL3085E) has redundant ground pins for layout flexibility.
QSOP and narrow-body versions provide separate isolated DE output (ISODE) and Transceiver Device Enable (XDE) input. ISODE follows the
Device Enable input (DE). XDE can be used to enable and disable the transceiver from the bus side, or connected to ISODE to enable and disable
the transceiver from the DE controller-side input. The QSOP and narrow-body versions also provide separate bus-side power supply pins—
VDD2X for the transceiver module and VDD2I for the isolation module. These should be externally connected for normal operation, but can be used
separately for testing or troubleshooting. The QSOP version also has an “ISOR” output that is isolated with respect to the controller-side “R.”
This pin is used for testing and normally not connected, but could be used for a bus-side data output under special circumstances.
The wide-body version has internal connections between the isolated DE output and the Transceiver Device Enable input, and well as between
the two VDD2 bus-side power supply pins. The two internally-connected GND pins for each supply side provide layout flexibility. The ISODE
output can be used in PROFIBUS applications where the state of the isolated drive enable node needs to be monitored, or for testing or
troubleshooting.
Power Supply Decoupling
VDD1 and VDD2 should be bypassed with 0.1 µF typical (0.047 µF minimum) capacitors as close as possible to the VDD pins.
Maintaining Creepage
Creepage distances are often critical in isolated circuits. In addition to meeting JEDEC standards, NVE isolator packages have unique creepage
specifications. Standard pad libraries often extend under the package, compromising creepage and clearance. Similarly, ground planes, if used,
should be spaced to avoid compromising clearance. Package drawings and recommended pad layouts are included in this datasheet.
DC Correctness
The IL3085 incorporates a patented refresh circuit to maintain the correct output state with respect to data input. At power up, the bus outputs
will follow the Function Table shown on Page 1. The DE input should be held low during power-up to eliminate false drive data pulses from the
bus. An external power supply monitor to minimize glitches caused by slow power-up and power-down transients is not required.
Electromagnetic Compatibility
The IL3085 is fully compliant with IEC 61000-6-1 and IEC 61000-6-2 standards for immunity, and IEC 61000-6-3, IEC 61000-6-4,
CISPR, and FCC Class A standards for emissions.
The IsoLoop Isolator’s Wheatstone bridge configuration and differential magnetic field signaling ensure excellent EM immunity.
Immunity to external magnetic fields is even higher if the field direction is “end-to-end” (rather than to “pin-to-pin”) as shown at
right.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com