Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL3285 Datasheet(PDF) 2 Page - NVE Corporation

Part # IL3285
Description  Fractional Load Passive Input RS-485 and RS-422 Isolated Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3285 Datasheet(HTML) 2 Page - NVE Corporation

  IL3285 Datasheet HTML 1Page - NVE Corporation IL3285 Datasheet HTML 2Page - NVE Corporation IL3285 Datasheet HTML 3Page - NVE Corporation IL3285 Datasheet HTML 4Page - NVE Corporation IL3285 Datasheet HTML 5Page - NVE Corporation IL3285 Datasheet HTML 6Page - NVE Corporation IL3285 Datasheet HTML 7Page - NVE Corporation IL3285 Datasheet HTML 8Page - NVE Corporation IL3285 Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
IL3285/IL3222
2
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
www.isoloop.com
iso-info@nve.com
iso-apps@nve.com
Absolute Maximum Ratings
Operating at absolute maximum ratings will not damage the device. However, extended periods of operation at the absolute maximum ratings may affect
performance and reliability.
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Storage Temperature
TS
−55
150
°C
Junction Temperature
TJ
−55
150
°C
Voltage Range at A or B Bus Pins
−7
12
V
Supply Voltage(1)
VDD1, VDD2
−0.5
7
V
Digital Input Voltage
−0.5
VDD+0.5
V
Digital Output Voltage
−0.5
VDD+1
V
ESD Protection
±15
kV
Input Current
IIN
−25
+25
mA
ESD (all bus nodes)
15
kV
HBM
Note 1. All voltage values are with respect to network ground except differential I/O bus voltages.
Recommended Operating Conditions
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Supply Voltage
VDD1
VDD2
3.0
4.5
5.5
5.5
V
Ambient Operating Temperature
TA
−40
85
°C
Junction Temperature
TJ
−40
100
°C
Input Voltage at any Bus Terminal
(separately or common mode)
VI
VIC
12
−7
V
Input Threshold for Output Logic
High
IINH
1.5
0.8
mA
Input Threshold for Output Logic Low
IINL
5
3.5
mA
Differential Input Voltage
VID
+12/−7
V
High-Level Output Current (Driver)
IOH
−60
60
mA
High-Level Digital Output Current
(Receiver)
IOH
−8
8
mA
Low-Level Output Current (Driver)
IOL
−60
60
mA
Low-Level Digital Output Current
(Receiver)
IOL
−8
8
mA
Digital Input Signal Rise, Fall Times
tIR,tIF
1
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com