Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL3285 Datasheet(PDF) 13 Page - NVE Corporation

Part # IL3285
Description  Fractional Load Passive Input RS-485 and RS-422 Isolated Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3285 Datasheet(HTML) 13 Page - NVE Corporation

Back Button IL3285 Datasheet HTML 9Page - NVE Corporation IL3285 Datasheet HTML 10Page - NVE Corporation IL3285 Datasheet HTML 11Page - NVE Corporation IL3285 Datasheet HTML 12Page - NVE Corporation IL3285 Datasheet HTML 13Page - NVE Corporation IL3285 Datasheet HTML 14Page - NVE Corporation IL3285 Datasheet HTML 15Page - NVE Corporation IL3285 Datasheet HTML 16Page - NVE Corporation IL3285 Datasheet HTML 17Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
IL3285/IL3222
13
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Method
Approximate Immunity
Immunity Description
Field applied in direction H1
±20 Gauss
A DC current of 16 A flowing in a conductor
1 cm from the device could cause disturbance
Field applied in direction H2
±70 Gauss
A DC current of 56 A flowing in a conductor
1 cm from the device could cause disturbance
Field applied in any direction but with
boost capacitor (470 pF) in circuit
±250 Gauss
A DC current of 200 A flowing in a conductor
1 cm from the device could cause disturbance
Table 1. Magnetic Immunity
Data Rate and Magnetic Field Immunity
It is easier to disrupt an isolated DC signal with an external magnetic field than it is to disrupt an isolated AC signal. Similarly, a
DC magnetic field will have a greater effect on the device than an AC magnetic field of the same effective magnitude. For
example, signals with pulses longer than 100 μs are more susceptible to magnetic fields than shorter pulse widths. For input signals
faster than 1 MHz, rising in less than 3 ns, a 470 pF field-boost capacitor provides as much as 400 Gauss immunity, while the
same input capacitor might provide just 70 Gauss immunity at 50 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com