Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL711V Datasheet(PDF) 9 Page - NVE Corporation

Part # IL711V
Description  High Isolation Voltage Digital Isolators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL711V Datasheet(HTML) 9 Page - NVE Corporation

Back Button IL711V Datasheet HTML 5Page - NVE Corporation IL711V Datasheet HTML 6Page - NVE Corporation IL711V Datasheet HTML 7Page - NVE Corporation IL711V Datasheet HTML 8Page - NVE Corporation IL711V Datasheet HTML 9Page - NVE Corporation IL711V Datasheet HTML 10Page - NVE Corporation IL711V Datasheet HTML 11Page - NVE Corporation IL711V Datasheet HTML 12Page - NVE Corporation IL711V Datasheet HTML 13Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
V-Series Isolators
9
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
Fax: (952) 829-9189
www.IsoLoop.com
©NVE Corporation
Magnetic Field Immunity(8) (VDD2= 5V, 3V<VDD1<5.5V)
Power Frequency Magnetic Immunity
HPF
2800
3500
A/m
50Hz/60Hz
Pulse Magnetic Field Immunity
HPM
4000
4500
A/m
tp = 8µs
Damped Oscillatory Magnetic Field
HOSC
4000
4500
A/m
0.1Hz – 1MHz
Cross-axis Immunity Multiplier(9)
KX
2.5
Timing Diagram
Legend
t
PLH
Propagation Delay, Low to High
t
PHL
Propagation Delay, High to Low
t
PW
Minimum Pulse Width
t
R
Rise Time
t
F
Fall Time
Notes (apply to both 3.3 V and 5 V specifications):
1.
Absolute maximum ambient operating temperature means the device will not be damaged if operated under these conditions. It does not
guarantee performance.
2.
PWD is defined as |t
PHL − tPLH|. %PWD is equal to PWD divided by pulse width.
3.
t
PSK is the magnitude of the worst-case difference in tPHL and/or tPLH between devices at 25°C.
4.
CM
H is the maximum common mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD
2. CML is the maximum
common mode input voltage that can be sustained while maintaining V
O < 0.8 V. The common mode voltage slew rates apply to both rising
and falling common mode voltage edges.
5.
Device is considered a two terminal device: pins 1–4 shorted and pins 5–8 shorted.
6.
Dynamic power consumption is calculated per channel and is supplied by the channel’s input side power supply.
7.
Minimum pulse width is the minimum value at which specified PWD is guaranteed.
8.
The relevant test and measurement methods are given in the Electromagnetic Compatibility section on p. 6.
9.
External magnetic field immunity is improved by this factor if the field direction is “end-to-end” rather than to “pin-to-pin” (see diagram on p. 6).
10. 64k-bit pseudo-random binary signal (PRBS) NRZ bit pattern with no more than five consecutive 1s or 0s; 800 ps transition time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com