Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL711V Datasheet(PDF) 11 Page - NVE Corporation

Part # IL711V
Description  High Isolation Voltage Digital Isolators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL711V Datasheet(HTML) 11 Page - NVE Corporation

Back Button IL711V Datasheet HTML 7Page - NVE Corporation IL711V Datasheet HTML 8Page - NVE Corporation IL711V Datasheet HTML 9Page - NVE Corporation IL711V Datasheet HTML 10Page - NVE Corporation IL711V Datasheet HTML 11Page - NVE Corporation IL711V Datasheet HTML 12Page - NVE Corporation IL711V Datasheet HTML 13Page - NVE Corporation IL711V Datasheet HTML 14Page - NVE Corporation IL711V Datasheet HTML 15Page - NVE Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
V-Series Isolators
11
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
Fax: (952) 829-9189
www.IsoLoop.com
©NVE Corporation
True 8™ (8 mm creepage) 16-pin SOIC Package
0.049 (1.24)
0.051 (1.30)
0.017 (0.43)*
0.022 (0.56)
0.292 (7.42)*
0.299 (7.59)
0.007 (0.18)*
0.010 (0.25)
0.260 (6.60)*
0.280 (7.11)
0.033 (0.85)*
0.043 (1.10)
0.007 (0.2)
0.013 (0.3)
Pin 1 identified by
either an indent
or a marked dot
0.08 (2.0)
0.10 (2.5)
0.397 (10.08)
0.413 (10.49)
0.394 (10.00)
0.419 (10.64)
0.092 (2.34)
0.105 (2.67)
0.004 (0.1)
0.012 (0.3)
0.016 (0.4)
0.050 (1.3)
NOTE: Pin spacing is a BASIC
dimension; tolerances
do not accumulate
0.013 (0.3)
0.020 (0.5)
Dimensions in inches (mm); scale = approx. 5X
*S
ifi d f
T
8™
k
t
t
8
IEC 60601
0.050 (1.27)
0.449 (11.40)
0.020 (0.51)
16 PLCS
0.317 (8.05)
Dimensions in inches (mm); scale = approx. 5X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com