Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL717T Datasheet(PDF) 7 Page - NVE Corporation

Part # IL717T
Description  High Speed Four-Channel Digital Isolators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL717T Datasheet(HTML) 7 Page - NVE Corporation

Back Button IL717T Datasheet HTML 3Page - NVE Corporation IL717T Datasheet HTML 4Page - NVE Corporation IL717T Datasheet HTML 5Page - NVE Corporation IL717T Datasheet HTML 6Page - NVE Corporation IL717T Datasheet HTML 7Page - NVE Corporation IL717T Datasheet HTML 8Page - NVE Corporation IL717T Datasheet HTML 9Page - NVE Corporation IL717T Datasheet HTML 10Page - NVE Corporation IL717T Datasheet HTML 11Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
IL715/IL716/IL717
7
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Switching Specifications (VDD = 5V)
Maximum Data Rate
100
110
Mbps
CL = 15 pF
Pulse Width(7)
PW
10
ns
50% Points, VO
Propagation Delay Input to Output
(High to Low)
tPHL
10
15
ns
CL = 15 pF
Propagation Delay Input to Output
(Low to High)
tPLH
10
15
ns
CL = 15 pF
Pulse Width Distortion(2)
PWD
2
3
CL = 15 pF
Pulse Jitter(10)
tJ
100
ps
CL = 15 pF
Propagation Delay Skew(3)
tPSK
4
6
ns
CL = 15 pF
Output Rise Time (10%−90%)
tR
1
3
ns
CL = 15 pF
Output Fall Time (10%−90%)
tF
1
3
ns
CL = 15 pF
Common Mode Transient Immunity
(Output Logic High or Logic Low)(4)
|CMH|,|CML|
100
150
kV/µs
Per IEC 60747
Channel-to-Channel Skew
tCSK
2
3
ns
CL = 15 pF
Dynamic Power Consumption(6)
Output side
140
240
μ
A/Mbps/ch
Input side
30
50
Magnetic Field Immunity(8) (VDD2 = 5 V, VDD1MIN < VDD2 < VDD2MAX
Power Frequency Magnetic Immunity
HPF
3500
A/m
50Hz/60Hz
Pulse Magnetic Field Immunity
HPM
4500
A/m
tp = 8µs
Damped Oscillatory Magnetic Field
HOSC
4500
A/m
0.1Hz – 1MHz
Cross-axis Immunity Multiplier(9)
KX
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com