Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL717T Datasheet(PDF) 8 Page - NVE Corporation

Part # IL717T
Description  High Speed Four-Channel Digital Isolators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL717T Datasheet(HTML) 8 Page - NVE Corporation

Back Button IL717T Datasheet HTML 4Page - NVE Corporation IL717T Datasheet HTML 5Page - NVE Corporation IL717T Datasheet HTML 6Page - NVE Corporation IL717T Datasheet HTML 7Page - NVE Corporation IL717T Datasheet HTML 8Page - NVE Corporation IL717T Datasheet HTML 9Page - NVE Corporation IL717T Datasheet HTML 10Page - NVE Corporation IL717T Datasheet HTML 11Page - NVE Corporation IL717T Datasheet HTML 12Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
IL715/IL716/IL717
8
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Insulation Specifications
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Creepage Distance
(external)
QSOP
0.15" SOIC
0.3" SOIC
4.03
4.03
8.03
8.3
mm
Per IEC 60601
Total Barrier Thickness (internal)
0.012
0.016
mm
Leakage Current(5)
0.2
µA
240 VRMS, 60 Hz
Barrier Resistance(5)
>1014
Ω
500 V
Barrier Capacitance(5)
4
pF
f = 1 MHz
Comparative
Tracking Index
QSOP
0.15" SOIC
0.3" SOIC
CTI
≥
175
≥
175
≥
600
VRMS
Per IEC 60112
High Voltage Endurance
(Maximum Barrier Voltage
for Indefinite Life)
AC
DC
VIO
1000
1500
VRMS
VDC
At maximum
operating temperature
Surge Immunity (“V” Versions)
VIOSM
12.8
kVPK
Per IEC 61000-4-5
Barrier Life
44000
Years
100°C, 1000 VRMS,
60% CL activation
energy
Thermal Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Junction–Ambient
Thermal Resistance
QSOP
0.15" SOIC16
0.3" SOIC16
θ
JA
100
82
67
°C/W
Double-sided PCB in
free air
Junction–Case (Top)
Thermal Resistance
QSOP
0.15" SOIC16
0.3" SOIC16
θ
JC
9
8
12
Junction–Ambient
Thermal Resistance
0.3" SOIC
θ
JA
46
2s2p PCB in free air
per JESD51
Junction–Case (Top)
Thermal Resistance
θ
JC
9
Power Dissipation
QSOP
0.15" SOIC16
0.3" SOIC16
PD
675
675
1500
mW
Notes (apply to both 3.3 V and 5 V specifications):
1.
Absolute maximum ambient operating temperature means the device will not be damaged if operated under these conditions. It does not
guarantee performance.
2.
PWD is defined as |tPHL − tPLH|. %PWD is equal to PWD divided by pulse width.
3.
tPSK is the magnitude of the worst-case difference in tPHL and/or tPLH between devices at 25 °C.
4.
CMH and CML are the maximum common mode voltage slew rates that can be applied with the outputs remaining stable and within VOL and
VOH specifications.
5.
Device is considered a two terminal device: pins 1–8 shorted and pins 9–16 shorted.
6.
Dynamic power consumption is calculated per channel.
7.
Minimum pulse width is the minimum value at which specified PWD is guaranteed.
8.
The relevant test and measurement methods are given in the Electromagnetic Compatibility section on p. 10.
9.
External magnetic field immunity is improved by this factor if the field direction is “end-to-end” rather than to “pin-to-pin” (see diagram on p. 10).
10. 66,535-bit pseudo-random binary signal (PRBS) NRZ bit pattern with no more than five consecutive 1s or 0s; 800 ps transition time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com