Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT4S07 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # MT4S07
Description  VHF~UHF Band Low Noise Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MT4S07 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  MT4S07 Datasheet HTML 1Page - Toshiba Semiconductor MT4S07 Datasheet HTML 2Page - Toshiba Semiconductor MT4S07 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MT4S07
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Planar Type
MT4S07
VHF~UHF Band Low Noise Amplifier Applications
• Low Noise Figure: NF = 1.5dB
(VCE = 3 V, IC = 5 mA, f = 2 GHz)
• High Gain: |S21e|2 = 9.5dB
(VCE = 3 V, IC = 15 mA, f = 2 GHz)
Absolute Maximum Ratings (Ta = 25°C)
項目
記号
定格
単位
Collector-base voltage
VCBO
10
V
Collector-emitter voltage
VCEO
5
V
Emitter-base voltage
VEBO
1.5
V
Collector current
IC
25
mA
Base current
IB
10
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Marking
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3J1C
Weight: 0.012 g (typ.)
Type name
A D
2
1
3
4


Similar Part No. - MT4S07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT4S07 TOSHIBA-MT4S07 Datasheet
103Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
MT4S07U TOSHIBA-MT4S07U Datasheet
113Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
More results

Similar Description - MT4S07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT4S04A TOSHIBA-MT4S04A Datasheet
109Kb / 2P
VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
MT3S04AFS TOSHIBA-MT3S04AFS Datasheet
148Kb / 3P
VHF~UHF Band Low-Noise Amplifier Applications
MT3S12FS TOSHIBA-MT3S12FS Datasheet
147Kb / 3P
VHF~UHF Band Low-Noise Amplifier Applications
MT4S03A TOSHIBA-MT4S03A_07 Datasheet
107Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
MT6L77FS TOSHIBA-MT6L77FS Datasheet
106Kb / 3P
VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
MT6L71FS TOSHIBA-MT6L71FS Datasheet
106Kb / 3P
VHF~UHF Band Low-Noise Amplifier Applications
MT6L63FS TOSHIBA-MT6L63FS Datasheet
106Kb / 3P
VHF~UHF Band Low-Noise Amplifier Applications
MT6L58AFS TOSHIBA-MT6L58AFS Datasheet
110Kb / 3P
VHF~UHF Band Low-Noise Amplifier Applications
MT6L04AE TOSHIBA-MT6L04AE_07 Datasheet
110Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
MT6C04AE TOSHIBA-MT6C04AE_07 Datasheet
117Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com