Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT4S07 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # MT4S07
Description  VHF~UHF Band Low Noise Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MT4S07 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  MT4S07 Datasheet HTML 1Page - Toshiba Semiconductor MT4S07 Datasheet HTML 2Page - Toshiba Semiconductor MT4S07 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MT4S07
2007-11-01
2
Microwave Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Transition frequency
fT
VCE = 3 V, IC = 10 mA
10
12
⎯
GHz
|S21e|
2
(1)
VCE = 1 V, IC = 5 mA, f = 2 GHz
⎯
8
⎯
Insertion gain
|S21e|
2
(2)
VCE = 3 V, IC = 15 mA, f = 2 GHz
7.5
10.5
⎯
dB
NF(1)
VCE = 1 V, IC = 5 mA, f = 2 GHz
⎯
1.6
3
Noise figure
NF(2)
VCE = 3 V, IC = 5 mA, f = 2 GHz
⎯
1.5
3
dB
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 5 V, IE = 0
⎯
⎯
0.1
μA
Emitter cut-off current
IEBO
VEB = 1 V, IC = 0
⎯
⎯
1
μA
DC current gain
hFE
VCE = 1 V, IC = 5 mA
70
⎯
140
⎯
Reverse transfer capacitance
Cre
VCB = 1 V, IE = 0, f = 1 MHz (Note)
⎯
0.4
0.85
pF
Note: Cre is measured by 3 terminal method with capacitance bridge.
Caution
This device is sensitive to electrostatic discharge. Please handle with caution



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com