Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMC02 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # CMC02
Description  For Strobe Discharge Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMC02 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  CMC02 Datasheet HTML 1Page - Toshiba Semiconductor CMC02 Datasheet HTML 2Page - Toshiba Semiconductor CMC02 Datasheet HTML 3Page - Toshiba Semiconductor CMC02 Datasheet HTML 4Page - Toshiba Semiconductor CMC02 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CMC02
2006-11-06
4
Average forward current IF (AV) (A)
Ta max – IF (AV)
Device mounted on a glass-epoxy board
(board size:50 mm x 50 mm, soldering land 6 mm x 6 mm)
Average forward current IF (AV) (A)
PF (AV) – IF (AV)
0
0
0.4
1.0
0.2
0.4
0.6
0.8
1.0
1.2
0.2
0.6
0.8
160
60
0
20
40
80
100
120
140
Instantaneous forward voltage vF
(V)
iF – vF
0
0.01
1
100
0.4
0.8
1.6
150°C
Tj = 25°C
75°C
2.0
0.1
10
1.2
0.2
0
0.4
0.6
1.0
0.8
1.2
Pulse test
0.001
1000
10
Ta
= 25°C
f
= 50 Hz
Time t (s)
rth (j-a) – t
Number of cycles
Surge forward current (non-repetitive)
1
0
10
100
30
10
40
Average forward current
IF (AV)
(A)
Ta max – IF (AV)
Device mounted on a ceramic board
(board size: 50 mm x 50 mm, soldering land 2 mm x 2 mm)
0.2
0
0.4
0.6
1.0
0.8
1.2
160
60
0
20
40
80
100
120
140
0.1
100
1000
10
0.01
0.1
1
100
1.2
Conduction angle 180°
0°
180°
Halfsine waveform
20
1
Conduction angle 180°
0°
180°
Halfsine waveform
Conduction angle 180°
0°
180°
Halfsine waveform
Device mounted on a glass-epoxy board:
board size: 50 mm
× 50 mm,
soldering land: 2.1 mm
× 1.4 mm,
board thickness: 1.6 t
Device mounted on a glass-epoxy board:
board size: 50 mm
× 50 mm,
soldering land: 6.0 mm
× 6.0 mm,
board thickness: 1.6 t
Device mounted on a ceramic board:
board size: 50 mm
× 50 mm,
soldering land: 2.0 mm
× 2.0 mm,
board thickness: 0.64 t



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com