Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMC02 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # CMC02
Description  For Strobe Discharge Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMC02 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  CMC02 Datasheet HTML 1Page - Toshiba Semiconductor CMC02 Datasheet HTML 2Page - Toshiba Semiconductor CMC02 Datasheet HTML 3Page - Toshiba Semiconductor CMC02 Datasheet HTML 4Page - Toshiba Semiconductor CMC02 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CMC02
2006-11-06
3
Handling Precautions
The absolute maximum ratings denote the absolute maximum ratings, which are rated values and must not be
exceeded during operation, even for an instant. The following are the general derating methods we recommend for
designing a circuit using this device.
VRRM: We recommend that the worst case voltage, including surge voltage, be no greater than 80% of the absolute
maximum rating of VRRM for a DC circuit, and no greater than 50% of that of VRRM for an AC circuit.
VRRM has a temperature coefficient of 0.1%/℃. Be sure to take this temperature coefficient into account
when designing a device for use at low temperature.
IF (AV): We recommend that the worst case current be no greater than 80% of the absolute maximum rating of IF
(AV). Carry out sufficient heat design. If it is not possible to design a circuit with excellent heat radiation, set
a margin by using an allowable Tamax- IF (AV) curve.
This rating applies only to a strobe flash circuit. We recommend that the worst case current be kept within the
absolute maximum rating of IFRM. The total number of repetitive currents should not exceed 7000 within the
lifespan of the device.
This rating specifies the non-repetitive peak current in one cycle of a 50 Hz sine wave, condition angle 180°.
Therefore the rating applies only to abnormal operation, which seldom occurs during the lifespan of a device.
For this device, we recommend a Tj of below 120℃ under the worst load and heat radiation conditions.
Thermal resistance between junction and ambient fluctuates depending on the mounting condition of the device.
When using the device, be sure to design the circuit board and soldering land size to match the appropriate thermal
resistance value.
Refer to the Rectifier databook for further information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com