Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MZ93-R220RM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MZ93-R220RM
Description  High ageing cofficient
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MZ93-R220RM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MZ93-R220RM Datasheet HTML 1Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 2Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 3Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 4Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 5Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 6Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 7Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 8Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MZ3 TYPE
PTC THERMISTOR
for Delay-Time
FEATURES
Delay life and energy-saving is avaiable for electronic light and ballast.
One of restricting current unite in digital multimeter
APPLICATION ENVIROMENTAL CONDITIONS
Environmental temperature:
-1 0℃~+125℃
Relative humidity:
93%( + 40℃±2℃)
Vibration frequency:
10~ 55Hz
Acceleration:
98m/s2
DIMENSIONS
Part No.
D
Max
T
Max
L
Max
W
±0.5
d
±0.1
MZ3-L100RN
8
45
35
5
0 55
MZ3-K100RN
8
4.6
35
5
0 55
MZ3-M100RN
10
55
35
5
055
MZ3-N100RN
10
5.5
35
5
0 55
MZ3-P100RN
10
5.5
35
5
0 55
MAIN TECHNICAL PARAMETER
Part No.
Switch
Temperature(℃)
Resistance
Value(Ω)
Rated
Voltage(V)
Break down
Voltage(V)
MZ3-L100RN
40+5
100-2000
270
400~1000
MZ3-K100RN
60±5
100-2500
MZ3-M100RN
80±5
100-4000
MZ3-N100RN
100±5
100-2000
MZ3-P1 00RN
120 ± 5
100-2000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com