Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MZ93-R220RM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MZ93-R220RM
Description  High ageing cofficient
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MZ93-R220RM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MZ93-R220RM Datasheet HTML 1Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 2Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 3Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 4Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 5Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 6Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 7Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 8Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PTC
THERMISTOR
FEATURES
* High ageing cofficient
* Superior withstanding voltage oxidation-resistance
CHARACTERISTICS
Current-Time Curve
Resistance-Temperature Curve
HOW TO ORDER
MZ
2
1
L
201
R
M
①
②
③
④
⑤
⑥
⑦
①
②
③
PTC
Thermistor
Product style
7
Degaussing
9 P~
Starter
2 Current-Limited
3
Delay-Time
4 Auto-Control-heat
Sequence No.
MZ7
The number expresses No, of pin
1.Coating type
2.Plastic type
MZ2
MZ9
3.Empty body
MZ3
No mark
1. Round
MZ4
2. Queue
④
⑤
⑥
⑦
switch
Temperature
L
40℃
K
60℃
M
80℃
N
100℃
P
120℃
R
135℃
Resistance Value
201=20x10
8R0=8.0
OHM
Tolerance
K
± l0%
M
± 20%
N
± 30%


Similar Part No. - MZ93-R220RM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MZ9310 MACOM-MZ9310 Datasheet
119Kb / 2P
TRIPLE-BALANCED MIXER
logo
M/A-COM Technology Solu...
MZ9310 MA-COM-MZ9310 Datasheet
133Kb / 3P
Triple-Balanced Mixer
MZ9310 MA-COM-MZ9310 Datasheet
133Kb / 3P
Triple-Balanced Mixer
logo
Tyco Electronics
MZ9310C MACOM-MZ9310C Datasheet
119Kb / 2P
TRIPLE-BALANCED MIXER
logo
M/A-COM Technology Solu...
MZ9310C MA-COM-MZ9310C Datasheet
133Kb / 3P
Triple-Balanced Mixer
More results

Similar Description - MZ93-R220RM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUX20 SEME-LAB-BUX20 Datasheet
52Kb / 2P
HIGH CURRENT HIGH SPEED HIGH POWER TRANSISTOR
logo
Comset Semiconductor
BUX11 COMSET-BUX11 Datasheet
130Kb / 3P
HIGH CURRENT, HIGH SPEED , HIGH POWER TRANSISTOR
BUX39 COMSET-BUX39 Datasheet
123Kb / 2P
HIGH CURRENT, HIGH SPEED, HIGH POWER TRANSISTOR
BUX41 COMSET-BUX41 Datasheet
129Kb / 3P
HIGH CURRENT, HIGH SPEED, HIGH POWER TRANSISTOR
BUX80 COMSET-BUX80 Datasheet
121Kb / 2P
HIGH CURRENT, HIGH SPEED, HIGH POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6033 NJSEMI-2N6033 Datasheet
98Kb / 1P
HIGH-CURRENT, HIGH-SPEED, HIGH-POWER TRANSISTORS
logo
Comset Semiconductor
BUX41N COMSET-BUX41N Datasheet
79Kb / 3P
HIGH CURRENT, HIGH SPEED, HIGH POWER TRANSISTOR
BUX12 COMSET-BUX12_12 Datasheet
78Kb / 3P
HIGH CURRENT, HIGH SPEED , HIGH POWER TRANSISTOR
BUX39 COMSET-BUX39_12 Datasheet
78Kb / 3P
HIGH CURRENT, HIGH SPEED, HIGH POWER TRANSISTOR
logo
Texas Instruments
OPA544 TI1-OPA544_13 Datasheet
180Kb / 11P
High-Voltage, High-Current High-Voltage, High-Current
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com