Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3663 Datasheet(PDF) 21 Page - Advanced Analogic Technologies

Part # AAT3663
Description  1A Linear Li-Ion Battery Charger for Single and Dual Cell Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3663 Datasheet(HTML) 21 Page - Advanced Analogic Technologies

Back Button AAT3663 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3663 Datasheet HTML 15Page - Advanced Analogic Technologies AAT3663 Datasheet HTML 16Page - Advanced Analogic Technologies AAT3663 Datasheet HTML 17Page - Advanced Analogic Technologies AAT3663 Datasheet HTML 18Page - Advanced Analogic Technologies AAT3663 Datasheet HTML 19Page - Advanced Analogic Technologies AAT3663 Datasheet HTML 20Page - Advanced Analogic Technologies AAT3663 Datasheet HTML 21Page - Advanced Analogic Technologies AAT3663 Datasheet HTML 22Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
AAT3663
1A Linear Li-Ion Battery Charger
for Single and Dual Cell Applications
3663.2007.10.1.0
21
Ordering Information
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means
semiconductor products that are in compliance with current RoHS standards, including
the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more
information, please visit our website at http://www.analogictech.com/pbfree.
Battery Cell
Part Number
Voltage Option
Battery Temperature Sense
Package
Marking
1
(Tape and Reel)
2
Single Cell (4.2V)
For Use With Any NTC Thermistor
TDFN33-14
AAT3663IWO-4.2-1-T1
Single Cell (4.2V)
For Use With 10kΩ NTC Thermistor
TDFN33-14
ZZXYY
AAT3663IWO-4.2-2-T1
Dual Cell (8.4V)
For Use With Any NTC Thermistor
TDFN33-14
AAT3663IWO-8.4-1-T1
Dual Cell (8.4V)
For Use With 10kΩ NTC Thermistor
TDFN33-14
AAT3663IWO-8.4-2-T1
1. XYY = assembly and date code.
2. Sample stock is generally held on part numbers listed in BOLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com