Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3663 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT3663
Description  1A Linear Li-Ion Battery Charger for Single and Dual Cell Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3663 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT3663 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3663 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3663 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3663 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3663 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3663 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3663 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3663 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3663 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Typical Characteristics
Preconditioning Charge Current
vs. Input Voltage
Input Voltage (V)
0
20
40
60
80
100
120
4
5
6
7
8
9
10
11
12
13
14
RSET = 1.78k
Ω
RSET = 2.21k
Ω
RSET = 3.57k
Ω
RSET = 8.87k
Ω
Temperature Sense Output Current
vs. Temperature
Temperature (°C)
70
71
72
73
74
75
76
77
78
79
80
-40
-15
10
35
60
85
Preconditioning Threshold Voltage vs. Input Voltage
Input Voltage (V)
2.50
2.52
2.54
2.56
2.58
2.60
2.62
2.64
2.66
2.68
2.70
4
5
6
7
8
9
10
1112
1314
Preconditioning Threshold Voltage vs. Temperature
Temperature (°C)
2.50
2.52
2.54
2.56
2.58
2.60
2.62
2.64
2.66
2.68
2.70
-40
-15
10
35
60
85
Constant Charging Current vs. V
BAT
(RSET = 8.87k
Ω
Ω)
VBAT (V)
0
30
60
90
120
150
180
210
240
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
VIN = 13.2V
VIN = 12V
VIN = 7.5V
VIN = 9.5V
VIN = 5V
Constant Charging Current vs. Battery Voltage
Battery Voltage (V)
0
200
400
600
800
1000
1200
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
1.78K
2.21K
3.57K
8.87K
AAT3663
1A Linear Li-Ion Battery Charger
for Single and Dual Cell Applications
3663.2007.10.1.0
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com