Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SP97TU Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC7SP97TU
Description  Low Voltage Single Configurable Multiple Function Gate with 3.6 V Tolerant Inputs and Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SP97TU Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC7SP97TU Datasheet HTML 2Page - Toshiba Semiconductor TC7SP97TU Datasheet HTML 3Page - Toshiba Semiconductor TC7SP97TU Datasheet HTML 4Page - Toshiba Semiconductor TC7SP97TU Datasheet HTML 5Page - Toshiba Semiconductor TC7SP97TU Datasheet HTML 6Page - Toshiba Semiconductor TC7SP97TU Datasheet HTML 7Page - Toshiba Semiconductor TC7SP97TU Datasheet HTML 8Page - Toshiba Semiconductor TC7SP97TU Datasheet HTML 9Page - Toshiba Semiconductor TC7SP97TU Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TC7SP97,98TU
2007-10-19
7
AC Characteristics (Ta
= −40 to 85°C, Input: tr = tf = 3.0 ns)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.8
± 0.15
1.0
21.0
2.5
± 0.2
0.8
10.0
tpLH
tpHL
Figure 1, Figure 2
CL = 10pF、RL = 1M Ω
3.3
± 0.3
0.6
7.0
ns
1.8
± 0.15
1.0
23.0
2.5
± 0.2
0.8
11.0
tpLH
tpHL
Figure 1, Figure 2
CL = 15pF、RL = 1M Ω
3.3
± 0.3
0.6
7.7
ns
1.8
± 0.15
1.0
27.0
2.5
± 0.2
0.8
12.0
Propagation delay time
(A, B,C-Y)
tpLH
tpHL
Figure 1, Figure 2
CL = 30pF、RL = 1M Ω
3.3
± 0.3
0.6
8.5
ns
Dynamic Switching Characteristics (Ta
= 25°C, Input: tr = tf = 3.0 ns, CL = 30 pF)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
VIH = 1.8 V, VIL = 0 V
(Note)
1.8
0.25
VIH = 2.5 V, VIL = 0 V
(Note)
2.5
0.6
Quiet output maximum dynamic VOL
VOLP
VIH = 3.3 V, VIL = 0 V
(Note)
3.3
0.8
V
VIH = 1.8 V, VIL = 0 V
(Note)
1.8
−0.25
VIH = 2.5 V, VIL = 0 V
(Note)
2.5
−0.6
Quiet output minimum dynamic VOL
VOLV
VIH = 3.3 V, VIL = 0 V
(Note)
3.3
−0.8
V
VIH = 1.8 V, VIL = 0 V
(Note)
1.8
1.5
VIH = 2.5 V, VIL = 0 V
(Note)
2.5
1.9
Quiet output minimum dynamic VOH
VOHV
VIH = 3.3 V, VIL = 0 V
(Note)
3.3
2.2
V
Note : Parameter guaranteed by design.
Capacitive Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Input capacitance
CIN
⎯
1.8, 2.5, 3.3
6
pF
Power dissipation capacitance
CPD
fIN = 10 MHz
(Note)
1.8, 2.5, 3.3
30
pF
Note : CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com