Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SP97TU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SP97TU
Description  Low Voltage Single Configurable Multiple Function Gate with 3.6 V Tolerant Inputs and Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SP97TU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SP97TU Datasheet HTML 1Page - Toshiba Semiconductor TC7SP97TU Datasheet HTML 2Page - Toshiba Semiconductor TC7SP97TU Datasheet HTML 3Page - Toshiba Semiconductor TC7SP97TU Datasheet HTML 4Page - Toshiba Semiconductor TC7SP97TU Datasheet HTML 5Page - Toshiba Semiconductor TC7SP97TU Datasheet HTML 6Page - Toshiba Semiconductor TC7SP97TU Datasheet HTML 7Page - Toshiba Semiconductor TC7SP97TU Datasheet HTML 8Page - Toshiba Semiconductor TC7SP97TU Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC7SP97,98TU
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SP97TU,TC7SP98TU
Low Voltage Single Configurable Multiple Function Gate
with 3.6 V Tolerant Inputs and Outputs
The TC7SP97,98 is a high performance CMOS multiple
Function Gate which is guaranteed to operate from 1.2-V to 3.6-V.
Designed for use in 1.5 V, 1.8 V, 2.5 V or 3.3 V systems, it
achieves high speed operation while maintaining the CMOS low
power dissipation.
It is also designed with over voltage tolerant inputs and
outputs up to 3.6 V.
It independently consists of three circuits for Multiple Function
Gate.
The output state is determined by seven patterns of 3-inputs.
The user can choose the functions of Multiplexer, AND, OR,
NAND, Schmitt Inverter, and Schmitt Buffer.
All inputs are equipped with protection circuits against static discharge.
Features
• Low-voltage operation
: VCC = 1.2 to 3.6 V
• High-speed operation
: tpd = 8.5 ns (max) (VCC = 3.0 to 3.6 V)
: tpd = 12.0 ns (max) (VCC = 2.3 to 2.7 V)
• Output current
: | IOH |/ IOL = ±8 mA (min) (VCC = 3.0 V)
: | IOH |/IOL = ±4 mA (min) (VCC = 2.3 V)
: | IOH |/IOL = ±1.5 mA (min) (VCC = 1.65 V)
• Latch-up performance
: -300 mA
• ESD performance
: Machine model
≥ ±200 V
Human body model
≥ ±2000 V
• Package
: UF6
• Power-down protection is provided on all inputs and outputs
Weight: 0.007 g(typ)


Similar Part No. - TC7SP97TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SP300WBG TOSHIBA-TC7SP300WBG Datasheet
247Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic
TC7SP302WBG TOSHIBA-TC7SP302WBG Datasheet
247Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic
TC7SP3066TU TOSHIBA-TC7SP3066TU Datasheet
186Kb / 10P
Low Voltage Dual Supply Single Bus Switch (analog)
TC7SP3067TU TOSHIBA-TC7SP3067TU Datasheet
186Kb / 10P
Low Voltage Dual Supply Single Bus Switch (analog)
TC7SP308WBG TOSHIBA-TC7SP308WBG Datasheet
246Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC7SP97TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MA2244FK TOSHIBA-TC7MA2244FK_07 Datasheet
220Kb / 9P
Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MAR2245FK TOSHIBA-TC7MAR2245FK Datasheet
225Kb / 10P
Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7MP97FT TOSHIBA-TC7MP97FT Datasheet
269Kb / 12P
Low Voltage Triple Configurable Multiple Function Gate with 3.6 V Tolerant Inputs and Outputs
TC74VCX00FT TOSHIBA-TC74VCX00FT_07 Datasheet
246Kb / 10P
Low-Voltage Quad 2-Input NAND Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX02FT TOSHIBA-TC74VCX02FT_07 Datasheet
246Kb / 10P
Low-Voltage Quad 2-Input NOR Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX04FT TOSHIBA-TC74VCX04FT_07 Datasheet
245Kb / 10P
Low-Voltage Hex Inverter with 3.6-V Tolerant Inputs and Outputs
TC74VCX08FT TOSHIBA-TC74VCX08FT_07 Datasheet
249Kb / 11P
Low-Voltage Quad 2-Input AND Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX32FT TOSHIBA-TC74VCX32FT_07 Datasheet
246Kb / 10P
Low-Voltage Quad 2-Input OR Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX245FT TOSHIBA-TC74VCX245FT_07 Datasheet
275Kb / 13P
Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7SP57FU TOSHIBA-TC7SP57FU Datasheet
234Kb / 10P
Low Voltage Single Configurable Multiple Function Gate with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com