Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74AC166FN Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74AC166FN
Description  CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (P-IN, S-OUT)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC166FN Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74AC166FN Datasheet HTML 1Page - Toshiba Semiconductor TC74AC166FN Datasheet HTML 2Page - Toshiba Semiconductor TC74AC166FN Datasheet HTML 3Page - Toshiba Semiconductor TC74AC166FN Datasheet HTML 4Page - Toshiba Semiconductor TC74AC166FN Datasheet HTML 5Page - Toshiba Semiconductor TC74AC166FN Datasheet HTML 6Page - Toshiba Semiconductor TC74AC166FN Datasheet HTML 7Page - Toshiba Semiconductor TC74AC166FN Datasheet HTML 8Page - Toshiba Semiconductor TC74AC166FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74AC166P/F/FN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC166P,TC74AC166F,TC74AC166FN
8-Bit Shift Register (P-IN, S-OUT)
The TC74AC166 is an advanced high speed CMOS 8-BIT
PARALLEL/SERIAL-IN, SERIAL-OUT SHIFT REGISTER
fabricated with silicon gate and double-layer metal wiring
C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
It consists of parallel-in or serial-in, serial-out 8-bit shift
register with a gated clock input and an overriding clear input.
The parallel-in or serial-in modes are controlled by the
SHIFT/ LOAD input. When the SHIFT/ LOAD input is held
high, the serial data input is enabled and the eight flip-flops
perform serial shifting on each clock pulse. When held low, the
parallel data inputs are enabled and synchronous loading occurs
on the next clock pulse. Clocking is accomplished on the
low-to-high transition of the clock pulse. The CLOCK-INHIBIT
input should be shifted high only while the CLOCK input is held
high. A direct clear input overrides all other inputs, including the
clock, and sets all the flip-flops to zero. Functional details are
shown in the truth table and the timing charts.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 170 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Pin and function compatible with 74HC166
Pin Assignment
Note:
xxxFN (JEDEC SOP) is not available in
Japan.
TC74AC166P
TC74AC166F
TC74AC166FN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Similar Part No. - TC74AC166FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC166FN TOSHIBA-TC74AC166FN Datasheet
364Kb / 8P
TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74AC166FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC166AP TOSHIBA-TC74HC166AP Datasheet
357Kb / 9P
8-BIT SHIFT REGISTER(P-IN, S-OUT)
TC74AC164P TOSHIBA-TC74AC164P_07 Datasheet
295Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (S-IN, P-OUT)
TC74ACT164F TOSHIBA-TC74ACT164F_07 Datasheet
233Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (S-IN, P-OUT)
TC74HC597AP TOSHIBA-TC74HC597AP_07 Datasheet
442Kb / 11P
CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Latch/Shift Register
TC74HC164AP TOSHIBA-TC74HC164AP_07 Datasheet
372Kb / 10P
8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP_07 Datasheet
504Kb / 11P
8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_07 Datasheet
271Kb / 11P
8-Bit Shift Register (S-IN, P-OUT)
TC74AC164F TOSHIBA-TC74AC164F_12 Datasheet
259Kb / 9P
8-Bit Shift Register (S-IN, P-OUT)
TC74AC166F TOSHIBA-TC74AC166F_12 Datasheet
374Kb / 9P
8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_12 Datasheet
230Kb / 10P
8-Bit Shift Register (S-IN, P-OUT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com