Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74ACT244P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74ACT244P
Description  CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT244P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74ACT244P Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT244P Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT244P Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT244P Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT244P Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT244P Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT244P Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT244P Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC74ACT240,244P/F/FT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74ACT240P,TC74ACT240F, TC74ACT240FT
TC74ACT244P,TC74ACT244F, TC74ACT244FT
Octal Bus Buffer
TC74ACT240P/F/FT
Inverted, 3-State
Outputs
TC74ACT244P/F/FT
Non-Inverted, 3-State
Outputs
The TC74ACT240 and 244 are advanced high speed CMOS
OCTAL BUS BUFFERs fabricated with silicon gate and
double-layer metal wiring C2MOS technology.
They achieve the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
The 74ACT240 is an inverting 3-state buffer while the
74ACT244 is non-inverting. Both devices have two active-low
output enables.
These devices are designed to be used in such applications as
3-state memory address drivers.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 5.0 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Pin and function compatible with 74F240/244
TC74ACT240P, TC74ACT244P
TC74ACT240F, TC74ACT244F
TC74ACT240FT, TC74ACT244FT
Weight
DIP20-P-300-2.54A
: 1.30 g (typ.)
SOP20-P-300-1.27A
: 0.22 g (typ.)
TSSOP20-P-0044-0.65A
: 0.08 g (typ.)


Similar Part No. - TC74ACT244P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT244P TOSHIBA-TC74ACT244P Datasheet
273Kb / 6P
OCTAL BUS BUFFER
17-May-2001
More results

Similar Description - TC74ACT244P

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ125FK KEC-KIC7WZ125FK Datasheet
668Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WH125FU TOSHIBA-TC7WH125FU_01 Datasheet
250Kb / 8P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
TC7WT125FU TOSHIBA-TC7WT125FU_01 Datasheet
199Kb / 5P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
TC74AC540P TOSHIBA-TC74AC540P_07 Datasheet
237Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74ACT540P TOSHIBA-TC74ACT540P_07 Datasheet
228Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74HC540AP TOSHIBA-TC74HC540AP_07 Datasheet
278Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com