Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP830 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP830
Description  Infrared LED Phototransistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP830 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP830 Datasheet HTML 1Page - Toshiba Semiconductor TLP830 Datasheet HTML 2Page - Toshiba Semiconductor TLP830 Datasheet HTML 3Page - Toshiba Semiconductor TLP830 Datasheet HTML 4Page - Toshiba Semiconductor TLP830 Datasheet HTML 5Page - Toshiba Semiconductor TLP830 Datasheet HTML 6Page - Toshiba Semiconductor TLP830 Datasheet HTML 7Page - Toshiba Semiconductor TLP830 Datasheet HTML 8Page - Toshiba Semiconductor TLP830 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLP830(F)
2007-10-01
7
VCE(sat) – Ta
(TYP.)
Ambient temperature Ta (°C)
0.20
0
−40
0.16
0.12
0.08
0.04
−20
0
20
40
60
80
100
IC = 0.5 mA
IF = 20 mA
Switching characteristics
(non saturated operation)
(typ.)
Load resistance RL (kΩ)
500
0.3
0.1
300
100
50
30
10
5
3
1
0.5
0.3 0.5
1
3
5
10
30
50
ts
td
tr・tf
Ta = 25 °C
VCC = 5 V
VOUT = 1 V
Switching characteristics
(saturated operation)
(typ.)
Load resistance RL (kΩ)
3000
3
1
1000
500
300
100
50
30
10
5
3
5
10
30 50
100
300 500
td
tr
ts
tf
Ta = 25 °C
IF = 20 mA
VCC = 5 V
VOUT ≧ 4.65V
RL
VOUT
90%
tf
tr
IF
10%
td
ts
IF
VOUT
VCC
Switching time test circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com