Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC191AP Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC74HC191AP
Description  4-Bit Binary Up/Down Counter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC191AP Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74HC191AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 9Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 10Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TC74HC191AP/AF
2007-10-01
7
Timing Requirements (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40
~85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
(CK)
tW (H)
tW (L)
⎯
2.0
4.5
6.0
⎯
⎯
⎯
100
20
17
125
25
21
ns
Minimum pulse width
( LOAD )
tW (L)
⎯
2.0
4.5
6.0
⎯
⎯
⎯
75
15
13
95
19
16
ns
Minimum set-up time
( ENABLE , D/ U )
ts
⎯
2.0
4.5
6.0
⎯
⎯
⎯
150
30
26
190
38
33
ns
Minimum set-up time
(DATA- LOAD )
ts
⎯
2.0
4.5
6.0
⎯
⎯
⎯
50
10
9
65
13
11
ns
Minimum hold time
( ENABLE , D/ U )
th
⎯
2.0
4.5
6.0
⎯
⎯
⎯
0
0
0
0
0
0
ns
Minimum hold time
(DATA- LOAD )
th
⎯
2.0
4.5
6.0
⎯
⎯
⎯
0
0
0
0
0
0
ns
Minimum removal time
trem
⎯
2.0
4.5
6.0
⎯
⎯
⎯
50
10
9
65
13
11
ns
Clock frequency
f
⎯
2.0
4.5
6.0
⎯
⎯
⎯
5
25
29
4
20
24
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com