Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC191AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC191AP
Description  4-Bit Binary Up/Down Counter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC191AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC191AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TC74HC191AP/AF
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC191AP,TC74HC191AF
4-Bit Binary Up/Down Counter
The TC74HC191A are high speed CMOS 4-BIT UP/DOWN
COUNTERs fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
The TC74HC191A is 4-bit binary up/down counter.
They have an asynchronous load input (LOAD) which is active
low.
The direction of counting is determined by the level of
DOWN/UP. When D/U is low, the counter counts up; when D/U is
high, it counts down. Counting occurs on the positive going
transition of the clock input.
Enable input (ENABLE) and two carry inputs (RIPPLE
CLOCK OUT, MAX/MIN) are provided to permit easy cascading
of the counters, which facilitates easy implementation of N-bit
counters without using external gates.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 48 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~6 V
• Pin and function compatible with 74LS191
Pin Assignment
TC74HC191AP
TC74HC191AF
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)


Similar Part No. - TC74HC191AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC191AP TOSHIBA-TC74HC191AP Datasheet
338Kb / 8P
COMS DIGITAL INTERATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74HC191AP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40193B PHILIPS-HEF40193B Datasheet
120Kb / 9P
4-bit up/down binary counter
January 1995
logo
Texas Instruments
CY74FCT191T TI-CY74FCT191T Datasheet
61Kb / 6P
4-Bit Up/Down Binary Counter
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
System Logic Semiconduc...
SL74HC193 SLS-SL74HC193 Datasheet
68Kb / 7P
Presettable 4-Bit Binary UP/DOWN Counter
logo
Fairchild Semiconductor
DM74AS169A FAIRCHILD-DM74AS169A Datasheet
61Kb / 6P
Synchronous 4-Bit Binary Up/Down Counter
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
Synchronous 4-Bit Up/Down Binary Counter
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
CY74FCT191T TI1-CY74FCT191T_14 Datasheet
326Kb / 14P
4-BIT UP/DOWN BINARY COUNTER
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
4-Bit Synchronous Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com