Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC11DB Datasheet(PDF) 2 Page - SYC Electronica

Part # 74HC11DB
Description  Triple 3-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74HC11DB Datasheet(HTML) 2 Page - SYC Electronica

  74HC11DB Datasheet HTML 1Page - SYC Electronica 74HC11DB Datasheet HTML 2Page - SYC Electronica 74HC11DB Datasheet HTML 3Page - SYC Electronica 74HC11DB Datasheet HTML 4Page - SYC Electronica 74HC11DB Datasheet HTML 5Page - SYC Electronica 74HC11DB Datasheet HTML 6Page - SYC Electronica 74HC11DB Datasheet HTML 7Page - SYC Electronica 74HC11DB Datasheet HTML 8Page - SYC Electronica 74HC11DB Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
74HC_HCT11_3
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 9 February 2010
2 of 15
NXP Semiconductors
74HC11; 74HCT11
Triple 3-input AND gate
4.
Functional diagram
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram for one gate
mna793
3Y
3C
11
3B
10
3A
9
2C
5
2B
4
2A
3
1C
13
1B
2
1A
1
8
2Y
6
1Y
12
mna792
12
&
&
&
6
8
13
2
1
5
4
3
11
10
9
mna794
A
B
C
Y
Fig 4.
Pin configuration DIP14 and SO14
Fig 5.
Pin configuration (T)SSOP14
74HC11
74 HCT11
1A
VCC
1B
1C
2A
1Y
2B
3C
2C
3B
2Y
3A
GND
3Y
001aal407
1
2
3
4
5
6
7
8
10
9
12
11
14
13
74HC11
74HCT11
1A
VCC
1B
1C
2A
1Y
2B
3C
2C
3B
2Y
3A
GND
3Y
001aal408
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Table 2.
Pin description
Symbol
Pin
Description
1A, 2A, 3A
1, 3, 9
data input
1B, 2B, 3B
2, 4, 10
data input
GND
7
ground (0 V)
1C, 2C, 3C
13, 5, 11
data input
1Y, 2Y, 3Y
12, 6, 8
data output
VCC
14
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com