Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC11DB Datasheet(PDF) 6 Page - SYC Electronica

Part # 74HC11DB
Description  Triple 3-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74HC11DB Datasheet(HTML) 6 Page - SYC Electronica

Back Button 74HC11DB Datasheet HTML 2Page - SYC Electronica 74HC11DB Datasheet HTML 3Page - SYC Electronica 74HC11DB Datasheet HTML 4Page - SYC Electronica 74HC11DB Datasheet HTML 5Page - SYC Electronica 74HC11DB Datasheet HTML 6Page - SYC Electronica 74HC11DB Datasheet HTML 7Page - SYC Electronica 74HC11DB Datasheet HTML 8Page - SYC Electronica 74HC11DB Datasheet HTML 9Page - SYC Electronica 74HC11DB Datasheet HTML 10Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74HC_HCT11_3
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 9 February 2010
6 of 15
NXP Semiconductors
74HC11; 74HCT11
Triple 3-input AND gate
[1]
tpd is the same as tPHL and tPLH.
[2]
tt is the same as tTHL and tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in μW):
PD = CPD × VCC2 × fi × N + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑ (C
L × VCC
2
× f
o) = sum of outputs.
11. Waveforms
74HCT11
tpd
propagation delay
nA, nB to nY; see Figure 6
[1]
VCC = 4.5 V
-
16
24
30
36
ns
VCC = 5.0 V; CL = 15 pF
-
11
-
-
-
ns
tt
transition time
VCC = 4.5 V; see Figure 6
[2]
-
7
15
19
22
ns
CPD
power dissipation
capacitance
per package;
VI = GND to VCC − 1.5 V
[3]
-
20
-
-
-
pF
Table 7.
Dynamic characteristics
GND = 0 V; CL = 50 pF; for load circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C Unit
Min
Typ
Max
Max
(85
°C)
Max
(125
°C)
Measurement points are given in Table 9.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Input to output propagation delays
001aal409
VI
VOH
tPHL
tTHL
tTLH
tPLH
VOL
GND
nA, nB, nC input
nY output
VM
VM
VY
VX
Table 8.
Measurement points
Type
Input
Output
VM
VM
VX
VY
74HC11
0.5VCC
0.5VCC
0.1VCC
0.9VCC
74HCT11
1.3 V
1.3 V
0.1VCC
0.9VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com