Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JBT6L77-AS Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # JBT6L77-AS
Description  Source Driver for TFT LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JBT6L77-AS Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button JBT6L77-AS Datasheet HTML 12Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 13Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 14Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 15Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 16Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 17Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 18Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 19Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 20Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
JBT6L77-AS
2001-12-18
16
Absolute Maximum Ratings (VSS
==== 0 V)
Characteristics
Symbol
Rating
Unit
Relevant Pin
Analog supply voltage
DVDD
-0.3 to 6.5
V
Digital supply voltage
AVDD
-0.3 to 6.5
V
Input voltage
VIN
-0.3 to DVDD + 0.3
V
Reference analog voltage
V (0:10)
-0.3 to AVDD + 0.3
V
V0 to V10
Storage temperature
Tstg
-55 to 125
°C
Recommended Operating Conditions (VSS
==== 0 V)
Characteristics
Symbol
Test
Condition
Rating
Unit
Relevant Pin
Digital supply voltage
DVDD
¾
2.5 to 3.6
V
Analog supply voltage
AVDD
¾
4.5 to 5.5
V
Reference analog voltage-1
(Note 1)
V0 to V10
¾
0.1 to AVDD - 0.1
V
Operating temperature
Topr
¾
-20 to 75
°C
Operating frequency
fCPH
¾
DC to 30
MHz
CPH
Output load capacitance
CL
¾
100 (max)
pF/
PIN
SA1 to SA80
SB1 to SB80
SC1 to SC80
Note 1: The following shows the relative magnitude of each reference analog voltage:
VSS = V0 < V1 <
= V2 <= V3 <= V4 <= V5 <= V6 <= V7 <= V8 <= V9 < V10 < AVDD
or
VSS = V10 < V9 <
= V8 <= V7 <= V6 <= V5 <= V4 <= V3 <= V2 <= V1 < V0 < AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com