Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JBT6L77-AS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # JBT6L77-AS
Description  Source Driver for TFT LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JBT6L77-AS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  JBT6L77-AS Datasheet HTML 1Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 2Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 3Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 4Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 5Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 6Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 7Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 8Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
JBT6L77-AS
2001-12-18
1
TOSHIBA CMOS Digital Integrated Circuits
Silicon Monolithic
JBT6L77-AS
Source Driver for TFT LCD Panels
The JBT6L77-AS is a 64 gray-level and 240-channel-output source driver for TFT LCD panels.
Grayscale data accepts 6-bit digital data inputs, which combined with the internal DA converter and 11 external
power supplies, allows display of up to 260,000 colors.
Based on high-speed CMOS, the JBT6L77-AS offers both low power consumption and high-speed operation.
Features
· Grayscale data
: 18-bit digital (3 outputs × 6 bits) parallel transfer method, selectable write
direction
· Panel drive outputs
: 240 outputs, 64 gray levels, DAC system, reference analog voltage inputs
· High-speed operation
: 30 MHz (max)
· Power supply voltage
: Digital power supply voltage ¼ 2.5 to 3.6 V
Analog power supply voltage ¼ 5.0 ± 0.5 V
· Operating temperature
: −20 to 75°C
· Gate driver for TFT LCD panel : JBT6L78-AS
· Cascading multiple devices


Similar Part No. - JBT6L77-AS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JBT6L78-AS TOSHIBA-JBT6L78-AS Datasheet
164Kb / 14P
Gate Driver for TFT LCD Panel
More results

Similar Description - JBT6L77-AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT3980 ETC-NT3980 Datasheet
119Kb / 13P
TFT LCD Source Driver
logo
Panasonic Semiconductor
MN838898 PANASONIC-MN838898 Datasheet
279Kb / 20P
CMOS LSI source driver for color TFT LCD panels
logo
List of Unclassifed Man...
NT3967 ETC1-NT3967 Datasheet
97Kb / 11P
TFT LCD Source Driver
NT3960 ETC1-NT3960 Datasheet
225Kb / 20P
TFT LCD Source Driver
NT3966 ETC1-NT3966 Datasheet
102Kb / 11P
TFT LCD SOURCE DRIVER
logo
Toshiba Semiconductor
T6L24 TOSHIBA-T6L24 Datasheet
213Kb / 12P
TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC SOURCE DRIVER FOR TFT LCD PANELS
T6L37A TOSHIBA-T6L37A Datasheet
258Kb / 15P
Source Driver for TFT LCD Panels
JBT6K47-AS TOSHIBA-JBT6K47-AS Datasheet
231Kb / 22P
Source Driver for TFT LCD Panels
T6LD4 TOSHIBA-T6LD4 Datasheet
142Kb / 11P
Gate Driver for TFT LCD Panels
T6LE2 TOSHIBA-T6LE2 Datasheet
198Kb / 12P
Gate Driver for TFT LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com