Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7151 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7151
Description  Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7151 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7151 Datasheet HTML 10Page - Analog Devices AD7151 Datasheet HTML 11Page - Analog Devices AD7151 Datasheet HTML 12Page - Analog Devices AD7151 Datasheet HTML 13Page - Analog Devices AD7151 Datasheet HTML 14Page - Analog Devices AD7151 Datasheet HTML 15Page - Analog Devices AD7151 Datasheet HTML 16Page - Analog Devices AD7151 Datasheet HTML 17Page - Analog Devices AD7151 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD7151
Rev. 0 | Page 14 of 28
REGISTER DESCRIPTIONS
Table 5. Register Summary
Pointer
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
(Dec) (Hex) R/W
Default Value
PwrDown
–
–
DacStep
OUT
–
–
RDY
Status
0
0x00
R
0
1
0
1
0
0
1
1
Data High
1
0x01
R
0x00
Data Low
2
0x02
R
0x00
–
3
0x03
R
0x00
–
4
0x04
R
0x00
Average High
5
0x05
R
0x00
Average Low
6
0x06
R
0x00
–
7
0x07
R
0x00
–
8
0x08
R
0x00
Sensitivity (in adaptive threshold mode)/Threshold High Byte (in fixed threshold mode)
Sensitivity
Threshold High
9
0x09
R/W
0x08
Timeout (in adaptive threshold mode)/Threshold Low Byte (in fixed threshold mode)
Timeout
Threshold Low
10
0x0A R/W
0x86
RngH
RngL
–
Hyst
ThrSettling (4-bit value)
Setup
11
0x0B
R/W
0
0
0
0
0x0B
–
12
0x0C R/W
0x00
–
13
0x0D R/W
0x00
–
14
0x0E
R/W
0x00
ThrFixed
ThrMD1
ThrMD0
EnConv
–
MD2
MD1
MD0
Configuration
15
0x0F
R/W
0
0
0
1
0
0
0
1
–
–
Power-Down Timeout (6-bit value)
Power-Down Timer
16
0x10
R/W
0
0
0x00
DacEn
DacAuto
DacValue (6-bit value)
CAPDAC
17
0x11
R/W
1
1
0x00
–
18
0x12
R/W
0x00
Serial Number 3
19
0x13
R
Serial Number – Byte 3 (MSB)
Serial Number 2
20
0x14
R
Serial Number – Byte 2
Serial Number 1
21
0x15
R
Serial Number – Byte 1
Serial Number 0
22
0x16
R
Serial Number – Byte 0 (LSB)
Chip ID
23
0x17
R
Chip Identification Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com