Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7151 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7151
Description  Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7151 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7151 Datasheet HTML 20Page - Analog Devices AD7151 Datasheet HTML 21Page - Analog Devices AD7151 Datasheet HTML 22Page - Analog Devices AD7151 Datasheet HTML 23Page - Analog Devices AD7151 Datasheet HTML 24Page - Analog Devices AD7151 Datasheet HTML 25Page - Analog Devices AD7151 Datasheet HTML 26Page - Analog Devices AD7151 Datasheet HTML 27Page - Analog Devices AD7151 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD7151
Rev. 0 | Page 25 of 28
APPLICATION EXAMPLES
CIN
CSENS
EXC
SCL
VDD
GND
AD7151
SDA
OUT
3V
BATTERY
LED
1kΩ
10kΩ
0.1µF
10kΩ
Figure 49. AD7151 Standalone Operation Application Diagram
CIN
CSENS
EXC
SCL
VDD
GND
AD7151
HOST
MICROCONTROLLER
SDA
OUT
SCL
SDA
IRQ
3.3V
1kΩ
0.1µF
1kΩ
Figure 50. AD7151 Interfaced to a Host Microcontroller
SCL
VDD
GND
AD7151
SDA
3.3V
VSUPPLY
1kΩ
1kΩ
1kΩ
0.1µF
10µF
1µF
1µF
CIN
CSENS
EXC
68pF
39kΩ
22pF
82kΩ
47pF
10kΩ
ADP1720-3.3
OUT
Q1
R1
OUT
Figure 51. AD7151 Standalone Operation with EMC Protection and Optional Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com