Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G80DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G80DBVT
Description  SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G80DBVT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G80DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
Seemechanicaldrawingsfordimensions.
DBVPACKAGE
(TOP VIEW)
5
1
V
CC
D
2
CLK
3
4
GND
Q
DCKPACKAGE
(TOP VIEW)
2
CLK
3
4
GND
V
CC
5
D
Q
1
YZP PACKAGE
(BOTTOMVIEW)
2
CLK
V
CC
1 5
D
GND
4
3
Q
DESCRIPTION/ORDERING INFORMATION
SN74LVC1G80
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SCES221Q – APRIL 1999 – REVISED JANUARY 2007
• Available in the Texas Instruments
• Latch-Up Performance Exceeds 100 mA Per
NanoFree™ Package
JESD 78, Class II
• Supports 5-V V
CC Operation
• ESD Protection Exceeds JESD 22
• Inputs Accept Voltages to 5.5 V
–
2000-V Human-Body Model (A114-A)
• Max t
pd of 4.2 ns at 3.3 V
–
200-V Machine Model (A115-A)
• Low Power Consumption, 10-µA Max I
CC
–
1000-V Charged-Device Model (C101)
• ±24-mA Output Drive at 3.3 V
• I
off Supports Partial-Power-Down Mode
Operation
This single positive-edge-triggered D-type flip-flop is designed for 1.65-V to 5.5-V VCC operation.
When data at the data (D) input meets the setup time requirement, the data is transferred to the Q output on the
positive-going edge of the clock pulse. Clock triggering occurs at a voltage level and is not directly related to the
rise time of the clock pulse. Following the hold-time interval, data at the D input can be changed without
affecting the level at the output.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
Reel of 3000
SN74LVC1G80YZPR
_ _ _CX_
0.23-mm Large Bump – YZP (Pb-free)
Reel of 3000
SN74LVC1G80DBVR
SOT (SOT-23) – DBV
C80_
–40°C to 85°C
Reel of 250
SN74LVC1G80DBVT
Reel of 3000
SN74LVC1G80DCKR
SOT (SC-70) – DCK
CX_
Reel of 250
SN74LVC1G80DCKT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1G80DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G80DBVT TI-SN74LVC1G80DBVT Datasheet
657Kb / 22P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC1G80DBVT TI2-SN74LVC1G80DBVT Datasheet
839Kb / 29P
SN74LVC1G80 Single Positive-Edge-Triggered D-Type Flip-Flop
REVISED NOVEMBER 2016
SN74LVC1G80DBVT.B TI2-SN74LVC1G80DBVT.B Datasheet
839Kb / 29P
SN74LVC1G80 Single Positive-Edge-Triggered D-Type Flip-Flop
REVISED NOVEMBER 2016
SN74LVC1G80DBVTE4 TI-SN74LVC1G80DBVTE4 Datasheet
657Kb / 22P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC1G80DBVTG4 TI2-SN74LVC1G80DBVTG4 Datasheet
839Kb / 29P
SN74LVC1G80 Single Positive-Edge-Triggered D-Type Flip-Flop
REVISED NOVEMBER 2016
More results

Similar Description - SN74LVC1G80DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G79 TI-SN74LVC1G79 Datasheet
431Kb / 14P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
STMicroelectronics
74V1T79 STMICROELECTRONICS-74V1T79 Datasheet
111Kb / 9P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
Apr-2004
74V1G80 STMICROELECTRONICS-74V1G80 Datasheet
200Kb / 10P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
2001-Jul
logo
Texas Instruments
SN74AUC1G74 TI-SN74AUC1G74_08 Datasheet
637Kb / 15P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
RD74LVC1G79 RENESAS-RD74LVC1G79 Datasheet
2Mb / 9P
Single Positive Edge-triggered D-type Flip Flop
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G79-EP TI1-SN74LVC1G79-EP Datasheet
373Kb / 11P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Unisonic Technologies
U74LVC1G79 UTC-U74LVC1G79 Datasheet
192Kb / 7P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G79 RENESAS-HD74ALVC1G79_15 Datasheet
118Kb / 13P
Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G80-Q1 TI1-SN74LVC1G80-Q1 Datasheet
881Kb / 23P
Single Positive-Edge-Triggered D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com