Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS200 Datasheet(PDF) 1 Page - Campbell Scientific United Kingdom

Part # PS200
Description  Smart Charging Regulator and Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

PS200 Datasheet(HTML) 1 Page - Campbell Scientific United Kingdom

  PS200 Datasheet HTML 1Page - Campbell Scientific United Kingdom PS200 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COMPONENT
Optimized
Power Performance
Manages voltage and
amperage to protect battery
CH200 and PS200
Smart Charging Regulator and Power Supply
Benefits and Features
Protects against high-amperage and high-voltage damage to
power supply
Ability to monitor both load and battery current
Real-time measurements of charge input voltage, battery
voltage, on-board temperature, battery current, and load
current
Battery reversal protection
Two-step constant voltage charging and temperature
compensation optimize battery charging and increase the
battery’s life
Allows simultaneous connection of two charging sources
(e.g., solar panel, ac wall charger)
Overview
The PS200 and CH200 are charge regulators that manage
amperage and voltage for safe, optimized battery charging from
a solar-panel or ac power source. They also measure various
input, output, and status parameters to allow close monitoring of
the battery during charging and use. The PS200 includes a 12 Vdc
valve-regulated lead-acid (VRLA) battery, while the CH200 is for
use with a user-supplied battery (typically the BP12 or BP24).
www.campbellsci.eu/ps200_ch200
More info: +44(0) 1509 828 888
Technical Description
The PS200 and CH200 are micro-controller-based smart
chargers with two-step constant voltage charging and
temperature compensation that optimize battery charging
and increase the battery’s life. Two input terminals enable
simultaneous connection of two charging sources. They also
incorporate a maximum power point tracking algorithm for
solar inputs that maximize available solar charging resources.
RS-232 and SDI-12 terminals allow the PS200 and CH200 to
convey charging parameters to a datalogger.
The PS200 and CH200 have several safety features intended to
protect the charging source, battery, charger, and load devices.
Both the SOLAR – G and CHARGE – CHARGE input terminals
incorporate hardware current limits and polarity-reversal
protection. A fail-safe, self-resettable thermal fuse protects the
CHARGE – CHARGE inputs in the event of a catastrophic AC/AC
or AC/DC charging source failure.
Another self-resettable
thermal fuse protects the
12 V output terminals of
the charger in the event of
an output load fault. The
PS200 and CH200 also have
battery-reversal protection,
and include ESD and surge
protection on all of its
inputs and outputs.


Similar Part No. - PS200

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PS200 PANJIT-PS200 Datasheet
44Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Microchip Technology
PS200 MICROCHIP-PS200 Datasheet
564Kb / 36P
PowerSmart짰 Configurable Battery Charger
2005
logo
Pan Jit International I...
PS200 PANJIT-PS200 Datasheet
59Kb / 2P
PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200 Datasheet
52Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Axiomtek Co., Ltd.
PS200-1U AXIOMTEK-PS200-1U Datasheet
110Kb / 1P
Power Supplies
More results

Similar Description - PS200

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8AS OMRON-S8AS Datasheet
2Mb / 26P
Smart Power Supply
logo
List of Unclassifed Man...
KFD2-STC4-1.2O ETC2-KFD2-STC4-1.2O Datasheet
203Kb / 3P
SMART Transmitter Power Supply
logo
Pepperl+Fuchs Inc.
KFD2-STC4-EX2 PF-KFD2-STC4-EX2 Datasheet
316Kb / 3P
SMART Transmitter Power Supply
HIC2027 PF-HIC2027 Datasheet
880Kb / 6P
SMART Transmitter Power Supply
HID2022SK PF-HID2022SK Datasheet
751Kb / 4P
SMART Transmitter Power Supply
KCD2-STC-EX1.SP PF-KCD2-STC-EX1.SP Datasheet
926Kb / 5P
SMART Transmitter Power Supply
KCD2-STC-EX1.ES PF-KCD2-STC-EX1.ES Datasheet
924Kb / 6P
SMART Transmitter Power Supply
KCD2-STC-1 PF-KCD2-STC-1 Datasheet
1Mb / 4P
SMART Transmitter Power Supply
KCD2-STC-EX1.2O.ES PF-KCD2-STC-EX1.2O.ES Datasheet
1Mb / 5P
SMART Transmitter Power Supply
KFD2-STC5-1 PF-KFD2-STC5-1 Datasheet
942Kb / 5P
SMART Transmitter Power Supply
2021-11-29
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com