Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS200 Datasheet(PDF) 2 Page - Campbell Scientific United Kingdom

Part # PS200
Description  Smart Charging Regulator and Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

PS200 Datasheet(HTML) 2 Page - Campbell Scientific United Kingdom

  PS200 Datasheet HTML 1Page - Campbell Scientific United Kingdom PS200 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
80 Hathern Road, Shepshed, LE12 9GX UK | +(0)1509 828888 | sales@campbellsci.co.uk | wwwcampbellsci.eu
UK | AUSTRALIA | BRAZIL | CANADA | CHINA | COSTA RICA | FRANCE | GERMANY | SOUTH AFRICA | SPAIN | USA
© 2012
Campbell Scientific
April 14, 2015
Ordering Information
POWER SUPPLIES
CH200
12V Charging Regulator
PS200
12V Power Supply with Charging Regulator and
7Ahr Sealed Rechargeable Battery in carrier
CABLES (interface and external battery)
#20769
Datalogger SDI-12 Interface Cable, 60 cm
#25356
Datalogger RS-232 Pigtail Interface Cable, 60 cm
#20770
Computer 9-pin RS-232 Interface Cable, 1.8 m
006772
External Battery Cable (3 m)
ADAPTERS
A100
Null Modem Adapter
A105
12V Terminal Expansion Adapter
MAINS AC CHARGERS
AC-ADAPT
230V to 18V AC desktop adaptor
AC-ADAPT2
230V to 18V AC Wall-mountable adaptor
Please specify UK or Euro plug
SOLAR PANELS
SP5
SP30
5 W Solar Panel with 5 m cable
30 W Solar Panel with 5 m cable
BATTERY PACKS
BP12
12V Sealed Rechargeable Battery w/Mounts, 12 Ahr
BP17
12V Sealed Rechargeable Battery w/Mounts, 17 Ahr
BP24
12V Sealed Rechargeable Battery w/Mounts, 24 Ahr
Dimensions
BP12* 19.1 cm x 10.3 cm x 9.7 cm (with battery)
BP17
17 cm x 18.7 cm x 92 cm (with battery)
12.8 cm x 18.7 cm x 9.2 cm (without battery)
BP24
17 cm x 18.3 cm x 13.8 cm (with battery)
11.6 cm x 18.3 cm x 13.8 cm (without battery)
*Available as special order
Weights (with battery)
BP12
4.4 kg (9.8 lbs)
BP17
6.7 kg (14.7 lbs)
BP24
10.2 kg (22.4 lbs)
Specifications
CHARGE - CHARGE Terminals (AC or DC Source)
AC:
18 to 24V RMS with 1.2A RMS maximum
DC:
16 to 40V DC with 1.1A DC maximum
SOLAR - Terminals (Solar Panel or Other DC Source)1
Input Voltage Range:
15 to 40 V DC
Input Current Limit:
2.8A DC minimum
3.6A DC typical
Maximum Charging Current: 4.0 Adc typical;
3.2 Adc to 4.9 Adc depending on individual charger
Operational Temperature2: -40° to +60°C
Quiescent Current
No Charge Source Present: 300 µA maximum
No Battery Connected:
2 mA maximum
Dimensions
PS200:
10.6 x 19 x 7.6 cm (4.2 x 7.5 x 3 in.)
CH200:
10 x 7.5 x 3.7 cm (3.9 x 3 x 1.5 in.)
BATTERY CHARGING3
CYCLE Charging: Vbatt(T) = 14.70V – (24 mV) x (T – 25°C)
FLOAT Charging: Vbatt(T) = 13.65V – (18 mV) x (T – 25°C)
Accuracy:
±1% Accuracy on charging voltage over –40°
to +60°C
POWER OUT (+12 terminals)
Voltage:
Unregulated 12V from battery
4 A Self-Resettable Thermal Fuse Hold Current Limits
<20°C:
> 4 A
20°C:
4.0 A
50°C:
3.1 A
60°C:
2.7 A
MEASUREMENTS
Average Battery Voltage:
±(1% of reading +15 mV) over –40° to
+60°C range
Average Battery/Load Current
Regulator Input Voltage4:
±(2% of reading +2 mA) over –40° to
+60°C range
Solar5:
±(1% of reading - 0.25V) /
-(1% of reading +1V)
over –40° to +60°C range
Continuous6:
±(1% of reading - 0.5V) /
-(1% of reading +2V)
over –40° to +60°C range
Charger Temperature:
± 2°C
1
Battery voltages below 8.7V may result in <3.0A current limit because of fold-back current limit.
2
VRLA battery manufacturers state that “heat kills batteries” and recommend operating batteries ≤50°C.
3
Two-step temperature compensated constant-voltage charging for valve-regulated lead-acid batteries. Cycle and float charging voltage parameters are
programmable with the default values listed.
4
Impulse type changes in current may have an average current error of ±(10% of reading + 2 mA).
5
1.0V negative off set is worst-case due to reversal protection diode on input. Typical diode drop is 0.35V.
6
2.0V negative off set is worst-case due to two series diodes in AC full-bridge. Typical diode drops are 0.35V each for 0.7V total.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com