Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC23C10 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AMC23C10
Description  AMC23C10-Q1 Automotive, Fast-Response, Reinforced, Isolated Comparator With Dual Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC23C10 Datasheet(HTML) 3 Page - Texas Instruments

  AMC23C10 Datasheet HTML 1Page - Texas Instruments AMC23C10 Datasheet HTML 2Page - Texas Instruments AMC23C10 Datasheet HTML 3Page - Texas Instruments AMC23C10 Datasheet HTML 4Page - Texas Instruments AMC23C10 Datasheet HTML 5Page - Texas Instruments AMC23C10 Datasheet HTML 6Page - Texas Instruments AMC23C10 Datasheet HTML 7Page - Texas Instruments AMC23C10 Datasheet HTML 8Page - Texas Instruments AMC23C10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
4 Pin Configuration and Functions
8
7
6
5
1
2
3
4
Not to scale
VDD1
INP
INN
GND1
VDD2
OUT2
GND2
OUT1
Figure 4-1. DWV Package, 8-Pin SOIC (Top View)
Table 4-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VDD1
High-side power
High-side power supply.(1)
2
INP
Analog input
Noninverting input to the comparator. Use this pin as the signal input to the
comparator.
3
INN
Analog input
Inverting input to the comparator. Use this pin as the reference or quiet input to the
comparator.
4
GND1
High-side ground
High-side ground.
5
GND2
Low-side ground
Low-side ground.
6
OUT1
Digital output
Open-drain output of the comparator. Connect this pin to an external pullup resistor
or leave unconnected (floating) when not used.
7
OUT2
Digital output
Push-pull output of the comparator. Leave unconnected (floating) when not used.
8
VDD2
Low-side power
Low-side power supply.(1)
(1)
See the Layout section for power-supply decoupling recommendations.
www.ti.com
AMC23C10-Q1
SBASB90 – FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AMC23C10-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com