Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC23C10 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # AMC23C10
Description  AMC23C10-Q1 Automotive, Fast-Response, Reinforced, Isolated Comparator With Dual Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC23C10 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC23C10 Datasheet HTML 6Page - Texas Instruments AMC23C10 Datasheet HTML 7Page - Texas Instruments AMC23C10 Datasheet HTML 8Page - Texas Instruments AMC23C10 Datasheet HTML 9Page - Texas Instruments AMC23C10 Datasheet HTML 10Page - Texas Instruments AMC23C10 Datasheet HTML 11Page - Texas Instruments AMC23C10 Datasheet HTML 12Page - Texas Instruments AMC23C10 Datasheet HTML 13Page - Texas Instruments AMC23C10 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
5.10 Switching Characteristics
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PUSH-PULL OUTPUT
tpH
Propagation delay time, |VINP| rising
VDD2 = 3.3 V, INN = GND1,
VOVERDRIVE = 50 mV, CL = 15 pF
230
320
ns
tpL
Propagation delay time, |VINP| falling
VDD2 = 3.3 V, INN = GND1,
VOVERDRIVE = 50 mV, CL = 15 pF
230
320
ns
tr
Output signal rise time
VDD2 = 3.3 V, CL = 15 pF
2
ns
tf
Output signal fall time
VDD2 = 3.3 V, CL = 15 pF
2
ns
OPEN-DRAIN OUTPUT
tpH
Propagation delay time, |VINP| rising
VDD2 = 3.3 V, INN = GND1,
VOVERDRIVE = 50 mV, CL = 15 pF
230
320
ns
tpL
Propagation delay time, |VINP| falling
VDD2 = 3.3 V, INN = GND1,
VOVERDRIVE = 50 mV, CL = 15 pF
230
320
ns
tf
Output signal fall time
RPULLUP = 4.7 kΩ, CL = 15 pF
2
ns
START-UP TIMING
tLS ,STA
Low-side start-up time
VDD2 step to 2.7 V, VDD1 ≥ 3.0 V
40
µs
tHS ,STA
High-side start-up time
VDD1 step to 3.0 V, VDD2 ≥ 2.7 V
45
µs
tHS,BLK
High-side blanking time
200
µs
tHS,FLT
High-side-fault detection delay time
100
µs
5.11 Timing Diagrams
INN (GND1)
OUT1
tf
tpH
VOVERDRIVE
–VOVERDRIVE
90%
50%
10%
VOVERDRIVE
VOVERDRIVE
INP
tpL
OUT2
tr
90%
50%
10%
tf
90%
50%
10%
10%
Figure 5-1. Rise, Fall, and Delay Time Definition
OUT2
INP
OUT1
0 V
Figure 5-2. Functional Timing Diagram
AMC23C10-Q1
SBASB90 – FEBRUARY 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC23C10-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com