Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2005M Datasheet(PDF) 7 Page - Sames

Part # SA2005M
Description  Pin Selectable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications with Anti Tamper Features
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2005M Datasheet(HTML) 7 Page - Sames

Back Button SA2005M Datasheet HTML 3Page - Sames SA2005M Datasheet HTML 4Page - Sames SA2005M Datasheet HTML 5Page - Sames SA2005M Datasheet HTML 6Page - Sames SA2005M Datasheet HTML 7Page - Sames SA2005M Datasheet HTML 8Page - Sames SA2005M Datasheet HTML 9Page - Sames SA2005M Datasheet HTML 10Page - Sames SA2005M Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
sames
sames
SA2005M
http://www.sames.co.za
7/12
Figure 6: Multiplexing of the LED Drivers
D1
VFAIL1
D3
VFAIL2
D4
DIR2
D2
DIR1
D5
VFAIL3
D6
DIR3
R9
R10
R11
PH/DIR
PH1
PH2
PH3
DIR 1
DIR 2
DIR 3
DIR (Sink)
PH (Drive)
VFAIL 1
VFAIL 2
VFAIL 3
Channel 1
Channel 2
Channel 3
dr-01603
Figure 5: Motor drive on MON and MOP pins of device
VDD
VDD
VSS
VSS
MON
MOP
t
m
t
m
2t
m
DR-01618
Figure 4: LED pulse output
LED
t
LED
DR-01332
VDD
VSS
OUTPUT SIGNALS
LED Output (LED)
Various LED output pulse rates are available. Refer to the
“Using the RA, RE and IM inputs” section. With RA pin open the
LED output is 1252Hz at rated conditions. In this mode t
is
LED
71uS, for the other pulse rate options t
is 10ms. The LED
LED
output is active low as shown in figure 4.
An integrated anti-creep function prevents any output pulses if
the measured power is less than 0.01% of the meters rated
current.
Motor Output (MOP, MON)
The motor pulse width is fixed at 142ms. The MON pulse will
follow the MOP pulse within double the pulse width time. This
prevents the motor armature is in the wrong position after a
power failure. Both MOP and MON outputs are active high. A
low voltage stepper may be driven directly from the device by
connecting it between the MOP and MON pins, alternatively
an impulse counter may be driven directly by connecting it
between MOP and V . The motor drive waveforms are shown
SS
in figure 5.
Multiplex Output (PH/ DIR)
The PH/DIR output enables either direction or voltage
information on the phase LED driver outputs (PH1, PH2 and
PH3). This multiplex output switches between logic 0 and 1 at a
frequency of approximately 113Hz. A logic 0 enables energy
direction information on the LED driver outputs and a logic 1
enables voltage information.
The PH/DIR output is used in conjunction with the LED driver
outputs to display information about each individual phase,
see figure 6.
Phase LED Drivers (PH1, PH2, PH3)
The LED driver outputs present either direction information or
voltage information. The three LED driver outputs are used in
conjunction with the PH/DIR output to display information
about each individual phase (refer to figure 6) as follows:
PH/DIR = 0 (Direction indication)
When PH/DIR is low (logic 0) energy direction information for
each individual phase is available on PH1, PH2 and PH3. A
logic 1 indicates reverse energy flow and a logic 0 indicates
positive energy flow. Reverse energy flow is defined as the
condition where the voltage sense input and the current sense
inputs are out of phase (greater than 90 degrees). Positive
energy flow is defined as the condition where the voltage
sense and current sense inputs are in phase.
PH/DIR = 1 (Voltage fail / phase sequence error)
When PH/DIR is high (logic 1) voltage information is available
on PH1, PH2 and PH3. A logic 1 on any of these pins indicates
a voltage failure, the SA2005M does not detect a zero crossing
on the applicable voltage sense input. Referring to figure 6 the
voltage fail LED will be on when the voltage phase is present
and off when the voltage phase is missing.
In the case of a phase sequence error all three LED driver
outputs PH1, PH2 and PH3 will pulse with a repetition rate of
approximately 1Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com