Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2005M Datasheet(PDF) 3 Page - Sames

Part # SA2005M
Description  Pin Selectable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications with Anti Tamper Features
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2005M Datasheet(HTML) 3 Page - Sames

  SA2005M Datasheet HTML 1Page - Sames SA2005M Datasheet HTML 2Page - Sames SA2005M Datasheet HTML 3Page - Sames SA2005M Datasheet HTML 4Page - Sames SA2005M Datasheet HTML 5Page - Sames SA2005M Datasheet HTML 6Page - Sames SA2005M Datasheet HTML 7Page - Sames SA2005M Datasheet HTML 8Page - Sames SA2005M Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
sames
sames
SA2005M
http://www.sames.co.za
Figure 2: Pin connections: Package: DIP-24, SOIC-24
Part Number
SA2005MPA
SA2005MSA
Package
DIP-24
SOIC-24
ORDERING INFORMATION
PIN DESCRIPTION
Analog Ground. The voltage to this pin should be mid-way between V
and V .
DD
SS
Positive supply voltage. Typically +5V if a current transformer is used for current sensing.
GND
V
DD
Designation
Description
PIN
20
6
Negative supply voltage. Typically 0V if a current transformer is used for current sensing.
V
SS
18
Voltage sense inputs. The current into the A/D converter should be set at 14µA
at nominal mains
RMS
voltage. The voltage sense input saturates at an input current of ±25µA peak.
21, 24,
3
IVN1, IVN2,
IVN3
Inputs for current sensors. The termination resistor voltage from each current transformer is
converted to a current of 16µA
at rated conditions. The current sense input saturates at an input
RMS
current of ±25µA peak.
23, 22,
2, 1,
5, 4
IIN1, IIP1,
IIN2, IIP2,
IIN3, IIP3
This pin provides the connection for the reference current setting resistor. A 24kW resistor
connected to V sets the optimum operating condition.
SS
19
VREF
Motor pulse outputs. These outputs can be used to drive an impulse counter or stepper motor directly.
11, 12
MON, MOP
Multiplexed Phase or direction driver output.
13
Multiplexed LED drivers for direction and mains fail indication.
14, 15,
16
PH1, PH2,
PH3
Calibration LED output. Refer to section LED Output (LED) for the pulse rate output options.
10
LED
Test input. For normal operation connect this pin to V .
SS
17
TEST
1
IIP2
IVN2
GND
IIN2
IIN1
VREF
IVN3
IIP1
VSS
IIP3
IIN3
VDD
RA
RE
IVN1
TEST
PH3
PH2
PH1
PH / DIR
LED
MON
MOP
IM
2
3
4
5
6
19
18
17
16
15
14
13
10
11
12
9
8
7
20
21
22
23
24
dr-01617
PH / DIR
Rated conditions select input.
7
RA
The RE input selects the calibration LED resolution as well as the summing mode for the
programmable adder.
8
RE
The IM inputs selects the counter resolution (Motor drive output).
9
IM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com