Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2016L100/33 Datasheet(PDF) 19 Page - Littelfuse

Part # 2016L100/33
Description  POLYFUSE짰 Resettable PTCs Surface Mount
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L100/33 Datasheet(HTML) 19 Page - Littelfuse

Back Button 2016L100/33 Datasheet HTML 15Page - Littelfuse 2016L100/33 Datasheet HTML 16Page - Littelfuse 2016L100/33 Datasheet HTML 17Page - Littelfuse 2016L100/33 Datasheet HTML 18Page - Littelfuse 2016L100/33 Datasheet HTML 19Page - Littelfuse 2016L100/33 Datasheet HTML 20Page - Littelfuse 2016L100/33 Datasheet HTML 21Page - Littelfuse 2016L100/33 Datasheet HTML 22Page - Littelfuse 2016L100/33 Datasheet HTML 23Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
POLYFUSE® Resettable PTCs
Surface Mount
www.littelfuse.com
©2006 Littelfuse
0
Electronics Designers Guide
8L Series
Specifications are subject to change without notice.
Packaging
Part Numbering System
PACKAGING STYLE
SIZE
L: LITTELFUSE SURFACE MOUNT PPTC
I
HOLD CURRENT CODE (SEE TABLE BELOW)
/XX: SPECIAL VOLTAGE RATING (NOT APPLICABLE TO ALL PARTS)
QUANTITY CODE: D=1500 M=1000 P=2000
R: Tape & Reel
1812 L 075 /33 D R
SERIES
I
hold
(A)
I
hold Code
Voltage
Option
Packaging
Option
Quantity
Quantity &
Packaging Codes
0.10
010
TapeandReel
1500
DR
0.14
014
TapeandReel
1500
DR
0.20
020
TapeandReel
2000
PR
0.50
050
TapeandReel
2000
PR
0.75
075
TapeandReel
2000
PR
/24
TapeandReel
1500
DR
/33
TapeandReel
1500
DR
1.10
110
TapeandReel
2000
PR
/16
TapeandReel
1500
DR
/33
TapeandReel
1000
MR
1.25
125
TapeandReel
1500
DR
/6
TapeandReel
2000
PR
1.50
150
TapeandReel
2000
ZR
/12
TapeandReel
1500
DR
/24
TapeandReel
1000
MR
1.60
160
TapeandReel
2000
PR
/12
TapeandReel
1500
DR
2.00
200
TapeandReel
1500
DR
2.60
260
TapeandReel
1000
ZR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com